Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8553J Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDF8553J Datasheet HTML 8Page - NXP Semiconductors TDF8553J Datasheet HTML 9Page - NXP Semiconductors TDF8553J Datasheet HTML 10Page - NXP Semiconductors TDF8553J Datasheet HTML 11Page - NXP Semiconductors TDF8553J Datasheet HTML 12Page - NXP Semiconductors TDF8553J Datasheet HTML 13Page - NXP Semiconductors TDF8553J Datasheet HTML 14Page - NXP Semiconductors TDF8553J Datasheet HTML 15Page - NXP Semiconductors TDF8553J Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
TDF8553J_1
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 01 — 3 December 2008
12 of 47
NXP Semiconductors
TDF8553J
4
× 50 Watt power amplifier and multiple voltage regulator
8.6 Voltage regulators
The voltage regulator section contains:
• Four switchable regulators and two standby regulators
• Two power switches with loss-of-ground and surge protection
• Second supply pin to reduce dissipation by means of an external DC-to-DC converter
• Backup functionality for regulator 2
The TDF8553 uses low dropout voltage regulators for use in low voltage applications.
All of the voltage regulators except for the standby regulators can be controlled via the
I2C-bus. The voltage regulator section of this device has two power switches which are
capable of delivering unregulated continuous current, and has several fail-safe protection
modes. It conforms to peak transient tests and protects against continuous high voltage
(24 V), short-circuits and thermal stress. Standby regulators 2 and 6 will try to maintain
output for as long as possible even if a thermal shut-down or any other fault condition
occurs. During overvoltage stress conditions, all outputs except regulators 2 and 6 will
switch off and the device will be able to supply a minimum current for an indefinite amount
of time sufficient for powering the memory of a microcontroller and bus controller
functionality. Provision is made for an external reserve supply capacitor to be connected
to pin BUCAP which can store enough energy to allow regulator 2 to supply a
microcontroller for a period long enough for it to prepare for a loss-of-voltage.
8.6.1 Standby regulator outputs
Standby outputs (regulators 2 and 6) are used for the microcontroller and bus controller
supply. These regulators will not shut down with the switched regulators and cannot be
controlled by the I2C-bus. The standby regulators will not shut down during load dump
transients or by high temperature protection.
8.6.2 Backup capacitor
The backup capacitor (Cbackup) is used as a backup supply for the regulator 2 output when
the battery supply voltage (VP) cannot support the regulator 2 voltage.
Fig 4.
Amplifier output during supply voltage drop
V
(V)
t (s)
SVR voltage
vehicle engine start
headroom voltage
amplifier
DC output voltage
VP
001aai692
14
8.4
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com