Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5461A Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 13Page - Cirrus Logic CS5461A Datasheet HTML 14Page - Cirrus Logic CS5461A Datasheet HTML 15Page - Cirrus Logic CS5461A Datasheet HTML 16Page - Cirrus Logic CS5461A Datasheet HTML 17Page - Cirrus Logic CS5461A Datasheet HTML 18Page - Cirrus Logic CS5461A Datasheet HTML 19Page - Cirrus Logic CS5461A Datasheet HTML 20Page - Cirrus Logic CS5461A Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
CS5461A
DS661F2
17
is (MCLK/K)/16. The pulse duration (tdur) is an integer
multiple of MCLK cycles, approximately equal to:
The maximum pulse duration (tdur) is determined by the
sampling rate and the minimum is defined by the maxi-
mum pulse frequency. The tdur limits are:
The Pulse Width Register (PW) does not affect the nor-
mal format.
5.4.2 Alternate Pulse Format
Setting bits MECH = 1 and STEP = 0 in the Control
Register and ALT = 1 in the Configuration Register con-
figures the E1 and E2 pins for alternating pulse format
output (see Figure 4). Each pin produces alternating ac-
tive-low pulses with a pulse duration (tPW) defined by
the Pulse Width Register (PW):
If
MCLK = 4.096 MHz,
K = 1,
and
PW = 1
then
tPW = 0.25 ms. To ensure that pulses occur on the E1
and E2 output pins when full-scale input signals are ap-
plied to the voltage and current channels, then:
The pulse frequency (FREQE) is determined by the
PulseRateE1,2 Register and can be calculated using the
transfer function. The energy direction is not defined in
the alternate pulse format.
5.4.3 Mechanical Counter Format
Setting bits MECH = 1 and STEP = 0 in the Control
Register and bit ALT = 0 in the Configuration Register
enables E1 and E2 for mechanical counters and similar
discrete counting instruments. When energy is nega-
tive, pulses appear on E2 (see Figure 5). When energy
is positive, the pulses appear on E1. The pulse width is
defined by the Pulsewidth Register and will limit the out-
put pulse frequency (FREQE). By default, PW = 512
samples,
if
MCLK = 4.096 MHz
and
K = 1
then
tPW = 128 ms. To ensure that pulses will occur, the
PulseRateE1,2 Register must be set to an appropriate
value.
5.4.4 Stepper Motor Format
Setting bits STEP = 1 and MECH = 0 in the Control
Register and bit ALT = 0 in the Configuration Register
configures the E1 and E2 pins for stepper motor format.
When the accumulated active power equals the defined
t
dur
sec
()
1
PulseRateE
12
,
8
×
--------------------------------------------
≅
1
(MCLK/K)/16
8
×
-----------------------------------
t
dur
sec
()
1
(MCLK/K)/1024
8
×
-----------------------------------------
<<
Figure 4. Alternate Pulse Format on E1 and E2
E1
...
...
E2
...
...
...
t
PW
FREQ
E
t
PW
ms
()
PW
(MCLK/K)/1024
-----------------------------------------
=
PulseRateE
12
,
1
t
PW
------------
<
t
PW
E1
Positive Energy
Negative Energy
...
...
...
...
E2
FREQ
E
Figure 5. Mechanical Counter Format on E1 and E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com