Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5461A Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 16Page - Cirrus Logic CS5461A Datasheet HTML 17Page - Cirrus Logic CS5461A Datasheet HTML 18Page - Cirrus Logic CS5461A Datasheet HTML 19Page - Cirrus Logic CS5461A Datasheet HTML 20Page - Cirrus Logic CS5461A Datasheet HTML 21Page - Cirrus Logic CS5461A Datasheet HTML 22Page - Cirrus Logic CS5461A Datasheet HTML 23Page - Cirrus Logic CS5461A Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
CS5461A
20
DS661F2
The Cycle Count Register (N) must be set to a value
greater than one. Status bit TUP in the Status Register,
indicates when the Temperature Register is updated.
The Temperature Offset Register sets the zero-degree
measurement. To improve temperature measurement
accuracy, the zero-degree offset should be adjusted af-
ter the CS5461A is initialized. Temperature offset cali-
bration is achieved by adjusting the Temperature Offset
Register (Toff) by the differential temperature (∆T) mea-
sured from a calibrated digital thermometer and the
CS5461A temperature sensor. A one-degree adjust-
ment to the Temperature Register (T) is achieved by
adding 2.737649x10-4 to the Temperature Offset Regis-
ter (Toff). Therefore,
if Toff = -0.0951126 and ∆T= -2.0 (
oC), then
or 0xF3C168 (2’s compliment notation) is stored in the
Temperature Offset Register (Toff).
To convert the Temperature Register (T) from a Celsius
scale (oC) to a Fahrenheit scale (oF) utilize the formula
Applying the above relationship to the CS5461A tem-
perature measurement algorithm
If Toff = -0.09566 and Tgain = 23.507
for a Celsius
scale, then the modified values are Toff = -0.0907935
(0xF460E1) and Tgain = 42.3132 (0x54A05E) for a
Fahrenheit scale.
5.8 Voltage Reference
The CS5461A is specified for operation with a +2.5 V
reference between the VREFIN and AGND pins. To uti-
lize the on-chip 2.5 V reference, connect the VREFOUT
pin to the VREFIN pin of the device. The VREFIN pin
can be used to connect external filtering and/or refer-
ences.
5.9 System Initialization
Upon powering up, the digital circuitry is held in reset
until the analog voltage reaches 4.0 V. At that time, an
eight-XIN-clock-period delay is enabled to allow the os-
cillator to stabilize. The CS5461A will then initialize.
A hardware reset is initiated when the RESET pin is as-
serted with a minimum pulse width of 50 ns. The
RESET signal is asynchronous, with a Schmitt-trigger
input. Once the RESET pin is de-asserted, an
eight-XIN-clock-period delay is enabled.
A software reset is initiated by writing the command of
0x80. After a hardware or software reset, the internal
registers (some of which drive output pins) will be reset
to their default values. Status bit DRDY in the Status
Register, indicates the CS5461A is in its active state
and ready to receive commands.
5.10 Power-down States
The CS5461A has two power-down states, stand-by
and sleep. In the stand-by state all circuitry except the
voltage reference and crystal oscillator is turned off. To
return the device to the active state a power-up com-
mand is sent to the device.
In sleep state all circuitry except the instruction decoder
is turned off. When the power-up command is sent to
the device, a system initialization is performed (see
Section 5.9 System Initialization on page 20).
5.11 Oscillator Characteristics
The XIN and XOUT pins are the input and output of an
inverting amplifier configured as an on-chip oscillator,
as shown in Figure 8. The oscillator circuit is designed
to work with a quartz crystal. To reduce circuit cost, two
load capacitors C1 and C2 are integrated in the device,
from XIN to DGND, and XOUT to DGND. PCB trace
lengths should be minimized to reduce stray capaci-
tance. To drive the device from an external clock
source, XOUT should be left unconnected while XIN is
driven by the external circuitry. There is an amplifier be-
tween XIN and the digital section which provides
CMOS-level signals. This amplifier works with sinusoi-
T
off
T
off
T
∆
(
+
2.737649
10
4
– )
⋅
×
=
T
off
0.0951126
2.0
–
(
+
2.737649
10
4
– )
⋅
×
–
0.09566
–
==
F
o
9
5
---
C
o
17.7778
+
()
=
TF
o
〈〉
9
5
---
T
×
gain
() TC
o
〈〉
T
off
17.7778
2.737649
10
4
–
⋅
×
()
+
()
+
[]
=
Oscillator
Circuit
DGND
XIN
XOUT
C1
C1 =
22 pF
C2
C2 =
Figure 8. Oscillator Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com