Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML5800DM Datasheet(PDF) 14 Page - Micro Linear Corporation

Part # ML5800DM
Description  5.8GHz Low-IF 1.5Mbps FSK Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML5800DM Datasheet(HTML) 14 Page - Micro Linear Corporation

Back Button ML5800DM Datasheet HTML 10Page - Micro Linear Corporation ML5800DM Datasheet HTML 11Page - Micro Linear Corporation ML5800DM Datasheet HTML 12Page - Micro Linear Corporation ML5800DM Datasheet HTML 13Page - Micro Linear Corporation ML5800DM Datasheet HTML 14Page - Micro Linear Corporation ML5800DM Datasheet HTML 15Page - Micro Linear Corporation ML5800DM Datasheet HTML 16Page - Micro Linear Corporation ML5800DM Datasheet HTML 17Page - Micro Linear Corporation ML5800DM Datasheet HTML 18Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
ML5800
DS5800-F-04
FINAL DATASHEET
JULY 2006
14
CONTROL INTERFACES
There are two sets of control interfaces for the ML5800:
RF Control
:
XCEN, RXON, FREF, RSSI, PAON, AOUT_TPC
Serial Bus Control
:
EN, DATA, CLK
The ML5800 transceiver is used in time division duplex (TDD) mode, where the transceivers at each end of a radio link
alternately transmit and receive. Immediately before data is transmitted or received the ML5800 goes through a ‘self-
calibration’ sequence, where the IF and data filters are frequency aligned while the PLL settles to the carrier frequency.
These calibration cycles are triggered by logic transitions on the control interface. Figure 3 shows the normal operating
cycle for the ML5800.
Tx Data
PAON
RXON
XCEN
t
WAKE
t
RX2TX
DIN
DOUT
TXO
Valid RX Data
t
ED
AOUT_TPC
t
TX2RX
t
MAX
t
MAX
Figure 3: Control Timing for TDD Operation
To implement channel scanning, the ML5800 is kept in RECEIVE mode (XCEN and RXON high) and the PLL is
reprogrammed to select a different RF channel. A filter calibration cycle is initiated by each serial bus write to the
register controlling the PLL modulus, so that filter alignment is updated as the VCO settles to the next programmed
channel frequency. Serial bus writes to other registers do not trigger a calibration cycle. Signal diagram for channel
scanning is shown in Figure 4.
XCEN
DOUT
Valid RX Data
Valid RX Data
EN (Write to PLL
tuning register)
t
WAKE
t
FH
Figure 4: Control Timing when Channel Scanning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com