Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML5800DM Datasheet(PDF) 20 Page - Micro Linear Corporation

Part # ML5800DM
Description  5.8GHz Low-IF 1.5Mbps FSK Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML5800DM Datasheet(HTML) 20 Page - Micro Linear Corporation

Back Button ML5800DM Datasheet HTML 16Page - Micro Linear Corporation ML5800DM Datasheet HTML 17Page - Micro Linear Corporation ML5800DM Datasheet HTML 18Page - Micro Linear Corporation ML5800DM Datasheet HTML 19Page - Micro Linear Corporation ML5800DM Datasheet HTML 20Page - Micro Linear Corporation ML5800DM Datasheet HTML 21Page - Micro Linear Corporation ML5800DM Datasheet HTML 22Page - Micro Linear Corporation ML5800DM Datasheet HTML 23Page - Micro Linear Corporation ML5800DM Datasheet HTML 24Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
ML5800
DS5800-F-04
FINAL DATASHEET
JULY 2006
20
AOUT
Analog Output Mode:
This bit changes the function of the AOUT pin
between an analog data output and transmit power control (see
Table 7
).
AOUT
AOUT PIN FUNCTION
0
Transmit Power Control
1
Data Filter Analog Output
Table 7: AOUT Function Select
LOL
PLL IF Shift:
This bit shifts the PLL by ±1.024MHz in Receive mode
(see Table 8).
LOL
PLL IF SHIFT CONFIGURATION
0
-1.024MHz LO Shift in Receive
1
+1.024MHz LO Shift in Receive
Table 8: PLL IF Shift Configuration
TXCW
Transmit Continuous Wave:
This bit produces a continuous wave
(CW) transmitter output for product test when RXON is low (see
Table 9
).
TXCW
TRANSMIT MODULATION
0
FSK Modulation
1
CW – No Modulation
Table 9: Transmit Modulation Mode
TPC
Transmit Power Control:
When the AOUT bit is low, this bit controls
the state of the open-drain output pin. Although this bit can be
changed at any time, the AOUT pin only changes state at the falling
edge of RXON (see Table 10).
TPC
TPC PIN STATE
0
Pulled to Ground
1
High Impedance
Table 10: TPC Pin State
TXM
Transmit Mode Bit:
This bit controls the TX RF buffer state timing
mode. It must be reset to 0 for normal operation (see Table 11).
TXM
TXO BUFFER BEHAVIOR
0
RF Output Always On in TX Mode
1
RF Output Follows PAON
Table 11: TXM Mode
TXOL
Transmit PLL Mode:
This bit is provided for testing. It disables the
PLL during transmit slots so that the analog modulation path onto the
VCO can be tested without the digital path through the PLL (see
Table 12
).
TXOL
TRANSMIT PLL MODE
0
Closed Loop in TX Mode
1
Open Loop in TX Mode
Table 12: TXOL Operation
LVLO
Low Voltage Lock Out:
The LVLO bit enables a transmit low voltage
lockout latch which shuts off the transmitter by de-asserting the
PAON output. This latch is set if the supply voltage drops below
2.65V and is reset when RXON goes high (see Table 13).
LVLO
PAON BEHAVIOR
0
PAON Undisturbed
1
PAON de-asserted when VCCA<2.65V,
Reset by RXON high
Table 13: LVLO Operation
RCLP
RSSI Clip Enable:
The RCLP bit disables the RSSI clipping circuitry.
With RCLP low, the RSSI output voltage is clipped at 1.95V (see
Table 14
).
RCLP
RSSI BEHAVIOR
0
RSSI output clipped
1
RSSI output not clipped
Table 14: RCLP Operation
NODP
PLL Dithering:
This bit removes 2
nd order dither from the fractional-N
PLL when high, reducing the PLL to a 1
st order fractional-N (see
Table 15
).
NODP
PLL BEHAVIOR
0
2
nd order Fractional-N PLL
1
1
st order Fractional-N PLL
Table 15: Dithering Operation
V23PLL
Voltage on PLL Regulator:
This bit controls the voltage of the PLL
regulator. It is set to 0 for normal operation. (see Table 17).
V23PLL
REGULATOR BEHAVIOR
0
PLL Regulator set to 2.7V
1
PLL Regulator set to 2.3V
Table 16: V23PLL Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com