Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML5800DM Datasheet(PDF) 23 Page - Micro Linear Corporation

Part # ML5800DM
Description  5.8GHz Low-IF 1.5Mbps FSK Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML5800DM Datasheet(HTML) 23 Page - Micro Linear Corporation

Back Button ML5800DM Datasheet HTML 17Page - Micro Linear Corporation ML5800DM Datasheet HTML 18Page - Micro Linear Corporation ML5800DM Datasheet HTML 19Page - Micro Linear Corporation ML5800DM Datasheet HTML 20Page - Micro Linear Corporation ML5800DM Datasheet HTML 21Page - Micro Linear Corporation ML5800DM Datasheet HTML 22Page - Micro Linear Corporation ML5800DM Datasheet HTML 23Page - Micro Linear Corporation ML5800DM Datasheet HTML 24Page - Micro Linear Corporation ML5800DM Datasheet HTML 25Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
ML5800
DS5800-F-04
FINAL DATASHEET
JULY 2006
23
DTM <2:0>
Digital Test Control Bits:
The performance of the ML5800 is not specified in these test modes. Although primarily
intended for IC test and debug, they also can help in debugging the radio system. The default (power up) state of these
bits is DTM<2:0> = <0,0,0>. When a non-zero value is written to these fields, the DOUT and PAON pins become a
digital test access port for key digital signals in the transceiver. During normal operation, the DTM field must be set to
zero (see Table 20).
DTM2
DTM1
DTM0
PAON
DOUT
0
0
0
PA Control
Data Out
0
0
1
No Output
AGC Switch State
0
1
0
Prescaler Out Divide 64
PLL Main Divider Output
0
1
1
No Output
PLL Reference Divider Output
1
0
0
PLL 2
nd Carry Diagnostic o/p
PLL 1
st Carry Diagnostic o/p
1
0
1
No Output
TCAL (Cal. Timer)
1
1
0
3MHz from PLL
LOCKN
1
1
1
No Output
UDLATCH
Table 20: Digital Test Control Bits
TMODE and CFB <6:0>
The TMODE bit disables the automatic filter alignment circuitry, and then the CFB field directly tunes the filter. The CFB
field is a 7 bit binary value that tunes the IF and data filters. The correct value for CFB6 to CFB0 varies depending
upon absolute values of the integrated resistors and capacitors on the chip.
The IF filter center frequency, IF filter
bandwidth, data filter bandwidth and F to V converter center frequency are all tuned together by the CFB field (see
Table 21
).
TMODE
FILTER ALIGNMENT MODE
0
Filters auto aligned during receive slots
1
Filters tuned by CFB<6:0> value
Table 21: TMODE and CFB <6:0> Filter Alignment Test Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com