Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML5800DM Datasheet(PDF) 16 Page - Micro Linear Corporation

Part # ML5800DM
Description  5.8GHz Low-IF 1.5Mbps FSK Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML5800DM Datasheet(HTML) 16 Page - Micro Linear Corporation

Back Button ML5800DM Datasheet HTML 12Page - Micro Linear Corporation ML5800DM Datasheet HTML 13Page - Micro Linear Corporation ML5800DM Datasheet HTML 14Page - Micro Linear Corporation ML5800DM Datasheet HTML 15Page - Micro Linear Corporation ML5800DM Datasheet HTML 16Page - Micro Linear Corporation ML5800DM Datasheet HTML 17Page - Micro Linear Corporation ML5800DM Datasheet HTML 18Page - Micro Linear Corporation ML5800DM Datasheet HTML 19Page - Micro Linear Corporation ML5800DM Datasheet HTML 20Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
ML5800
DS5800-F-04
FINAL DATASHEET
JULY 2006
16
SERIAL BUS CONTROL: EN, DATA, CLK
A 3-wire serial interface is used for programming the ML5800 configuration registers, which control device mode of
operation, pin functions, PLL and reference dividers, internal test modes and filter alignment. Data words are entered
beginning with the MSB. The word is divided into a leading 14-bit data field followed by a 2-bit address field. When the
address field has been decoded the destination register is loaded on the rising edge of EN. Providing less than 16
bits of data will result in unpredictable behavior when EN goes high.
Data and clock signals are ignored when EN is high. When EN is low, data on the DATA pin is clocked into a shift
register by rising edges on the CLK pin. The information is loaded into the addressed latch when EN returns high. This
serial interface bus is an industry standard bus commonly found on PLL devices. It can be efficiently programmed by
either byte or 16-bit word oriented serial bus hardware. The data latches are implemented in CMOS and use minimal
power when the bus is inactive. See Figure 5 and Table 3.
CLK
Data
EN
t
s
t
h
t
r
t
f
t
ck
t
l
t
se
t
ew
MSB
Figure 5: Serial Bus Timing Diagram
SYMBOL
PARAMETER
MIN
MAX
UNITS
BUS CLOCK (CLK)
tr
Clock input rise time (note 1)
15
ns
tf
Clock input fall time (note 1)
15
ns
tck
Clock period
50
ns
ENABLE (EN)
tew
Minimum pulse width
200
ns
tl
Delay from last clock rising edge to rise of EN
15
ns
tse
Enable set up time to ignore next rising clock
15
ns
BUS DATA (DATA)
ts
Data to clock set up time
15
ns
th
Data to clock hold time
15
ns
Table 3: Serial Bus Timing Specifications
Note 1: Serial I/O clock maximum rise and fall times are based on the minimum clock period. Longer rise and fall times
can be accommodated for slower clocks provided the rise and fall times remain less than 20% of the clock period and
all set up and hold time minimums are met with respect to the CMOS switching points (VIL MAX and VIH MIN). The
serial I/O clock rise and fall times are limited to an absolute maximum of 100ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com