Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN772K Datasheet(PDF) 7 Page - STMicroelectronics

Part # VN772K
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN772K Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VN772K Datasheet HTML 3Page - STMicroelectronics VN772K Datasheet HTML 4Page - STMicroelectronics VN772K Datasheet HTML 5Page - STMicroelectronics VN772K Datasheet HTML 6Page - STMicroelectronics VN772K Datasheet HTML 7Page - STMicroelectronics VN772K Datasheet HTML 8Page - STMicroelectronics VN772K Datasheet HTML 9Page - STMicroelectronics VN772K Datasheet HTML 10Page - STMicroelectronics VN772K Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/21
VN772K
ELECTRICAL CHARACTERISTICS FOR LOW SIDE SWITCHES
(-40°C < Tj < 150°C, unless otherwise specified)
OFF
ON
(Tj=25°C, unless otherwise specified)
DYNAMIC
SWITCHING
SOURCE DRAIN DIODE
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCLAMP
Drain-source Clamp
Voltage
VIN=0V; ID=3.5A
40
45
55
V
VCLTH
Drain-source Clamp
Threshold Voltage
VIN=0V; ID=2mA
36
V
VINTH
Input Threshold Voltage
VDS=VIN; ID=1mA
0.5
2.5
V
IISS
Supply Current from Input
Pin
VDS=0V; VIN=5V
100
150
µA
VINCL
Input-Source Clamp
Voltage
IIN=1mA
IIN=-1mA
6
-1.0
6.8
8
-0.3
V
IDSS
Zero Input Voltage Drain
Current (VIN=0V)
VDS=13V; VIN=0V; Tj=25°C
VDS=25V; VIN=0V
30
75
µA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
RDS(on)
Static Drain-source On
Resistance
VIN=5V; ID=3.5A; Tj=25°C
VIN=5V; ID=3.5A
60
120
m
Ω
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
gfs (*)
Forward
Transconductance
VDD=13V; ID=3.5A
9
S
COSS
Output Capacitance
VDS=13V; f=1MHz; VIN=0V
220
pF
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on)
Turn-on Delay Time
VDD=15V; ID=3.5A
Vgen=5V; Rgen=RIN MIN=150Ω
100
300
ns
tr
Rise Time
470
1500
ns
td(off)
Turn-off Delay Time
500
1500
ns
tf
Fall Time
350
1000
ns
td(on)
Turn-on Delay Time
VDD=15V; ID=3.5A
Vgen=5V; Rgen=2.2KΩ
0.75
2.3
µs
tr
Rise Time
4.6
14.0
µs
td(off)
Turn-off Delay Time
5.4
16.0
µs
tf
Fall Time
3.6
11.0
µs
(dI/dt)on
Turn-on Current Slope
VDD=15V; ID=3.5A
Vgen=5V; Rgen=RIN MIN=150Ω
6.5
A/
µs
Qi
Total Input Charge
VDD=12V; ID=3.5A; VIN=5V
Igen=2.13mA
18
nC
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSD (*)
Forward On Voltage
ISD=3.5A; VIN=0V
0.8
V
trr
Reverse Recovery Time
ISD=3.5A; dI/dt=20A/µs
VDD=30V; L=200µH
220
ns
Qrr
Reverse Recovery Charge
0.28
µC
IRRM
Reverse Recovery Current
2.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com