Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN772K Datasheet(PDF) 18 Page - STMicroelectronics

Part # VN772K
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN772K Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VN772K Datasheet HTML 13Page - STMicroelectronics VN772K Datasheet HTML 14Page - STMicroelectronics VN772K Datasheet HTML 15Page - STMicroelectronics VN772K Datasheet HTML 16Page - STMicroelectronics VN772K Datasheet HTML 17Page - STMicroelectronics VN772K Datasheet HTML 18Page - STMicroelectronics VN772K Datasheet HTML 19Page - STMicroelectronics VN772K Datasheet HTML 20Page - STMicroelectronics VN772K Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18/21
VN772K
Normalized
Input
Threshold
Voltage
Vs.
Temperature
Step Response Current Limit
Current Limit Vs. Junction Temperature
-50
-25
0
25
50
75
100
125
150
175
T(ºC)
0.7
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
Vin(th)
Vds=Vin
Id=1mA
5
1015
2025
30
35
Vdd(V)
3.5
4
4.5
5
5.5
6
6.5
7
Tdlim(us)
Vin=5V
Rg=150ohm
-50
-25
0
25
50
75
100
125
150
175
Tj (ºC)
5
6
7
8
9
10
11
12
13
14
15
Ilim (A)
Vds=13V
Vin=5V
ELECTRICAL CHARACTERIZATION FOR LOW SIDE SWITCHES (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com