Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN772K Datasheet(PDF) 15 Page - STMicroelectronics

Part # VN772K
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN772K Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VN772K Datasheet HTML 11Page - STMicroelectronics VN772K Datasheet HTML 12Page - STMicroelectronics VN772K Datasheet HTML 13Page - STMicroelectronics VN772K Datasheet HTML 14Page - STMicroelectronics VN772K Datasheet HTML 15Page - STMicroelectronics VN772K Datasheet HTML 16Page - STMicroelectronics VN772K Datasheet HTML 17Page - STMicroelectronics VN772K Datasheet HTML 18Page - STMicroelectronics VN772K Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15/21
VN772K
Transconductance
0
2
4
6
8
101214
Id(A)
500
550
600
650
700
750
800
850
900
950
1000
Vsd (mV)
Vin=0V
0
0.25
0.5
0.75
1
1.25
Id(A)
0
50
100
150
200
250
300
350
400
450
500
Rds(on) (mOhm)
Tj=25ºC
Tj=150ºC
Tj= - 40ºC
Vin=2.5V
3
3.5
44.5
55.5
6
6.5
7
Vin(V)
0
10
20
30
40
50
60
70
80
90
100
110
120
Rds(on) (mOhm)
Id=3.5A
Tj=150ºC
Tj= - 40ºC
Tj=25ºC
0
1
23
456
7
8
Id(A)
0
2
4
6
8
10
12
14
16
18
20
Gfs (S)
Vds=13V
Tj=25ºC
Tj=150ºC
Tj=-40ºC
3
3.5
4
4.5
5
5.5
6
6.5
Vin(V)
0
20
40
60
80
100
120
140
Rds(on) (mOhm)
Id=6A
Id=1A
Id=6A
Id=1A
Id=6A
Id=1A
Tj=25ºC
Tj=150ºC
Tj=-40ºC
Static Drain-Source On resistance Vs. Input
Voltage
Static Drain-Source On resistance Vs. Input
Voltage
Derating Curve
Source-Drain Diode Forward Characteristics
Static Drain Source On Resistance
ELECTRICAL CHARACTERIZATION FOR LOW SIDE SWITCHES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com