Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN772K Datasheet(PDF) 16 Page - STMicroelectronics

Part # VN772K
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN772K Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VN772K Datasheet HTML 12Page - STMicroelectronics VN772K Datasheet HTML 13Page - STMicroelectronics VN772K Datasheet HTML 14Page - STMicroelectronics VN772K Datasheet HTML 15Page - STMicroelectronics VN772K Datasheet HTML 16Page - STMicroelectronics VN772K Datasheet HTML 17Page - STMicroelectronics VN772K Datasheet HTML 18Page - STMicroelectronics VN772K Datasheet HTML 19Page - STMicroelectronics VN772K Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16/21
VN772K
Input Voltage Vs. Input Charge
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Vin(V)
0
1
2
3
4
5
6
7
8
9
10
Idon(A)
Vds=13.5V
Tj=150ºC
Tj=25ºC
Tj=-40ºC
100
200
300
400
500
600
700
800
900 1000 1100
Rg(ohm)
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
di/dt(A/us)
Vin=3.5V
Vdd=15V
Id=3.5A
00.5
1
1.522.533.544.555.5
6
Id(A)
0
20
40
60
80
100
120
140
Rds(on) (mOhm)
Tj=25ºC
Tj=150ºC
Tj=-40ºC
Vin=5V
Vin=3.5V
Vin=5V
Vin=5V
Vin=3.5V
Vin=3.5V
0
5
10
15
20
25
Qg(nC)
0
1
2
3
4
5
6
7
8
Vin(V)
Vds=12V
Id=3.5A
100
200
300
400
500
600
700
800
900 1000 1100
Rg(ohm)
0
50
100
150
200
250
300
dv/dt(V/us)
Vin=5V
Vdd=15V
Id=3.5A
Turn off drain source voltage slope
100
200
300
400
500
600
700
800
900
1000 1100
Rg(ohm)
0
1
2
3
4
5
6
7
8
di/dt(A/us)
Vin=5V
Vdd=15V
Id=3.5A
Static Drain-Source On Resistance Vs. Id
Transfer Characteristics
Turn On Current Slope
Turn On Current Slope
ELECTRICAL CHARACTERIZATION FOR LOW SIDE SWITCHES (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com