Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN772K Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN772K
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN772K Datasheet(HTML) 5 Page - STMicroelectronics

  VN772K Datasheet HTML 1Page - STMicroelectronics VN772K Datasheet HTML 2Page - STMicroelectronics VN772K Datasheet HTML 3Page - STMicroelectronics VN772K Datasheet HTML 4Page - STMicroelectronics VN772K Datasheet HTML 5Page - STMicroelectronics VN772K Datasheet HTML 6Page - STMicroelectronics VN772K Datasheet HTML 7Page - STMicroelectronics VN772K Datasheet HTML 8Page - STMicroelectronics VN772K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/21
VN772K
ELECTRICAL CHARACTERISTICS FOR DUAL HIGH SIDE SWITCH (continued)
INPUT PINS (Per each channel)
LOGIC INPUT (Per each channel)
STATUS PIN (Per each channel)
PROTECTIONS (Per each channel)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Input Low Level
1.25
V
IIL
Low Level Input Current
VIN=1.25V
1
µA
VIH
Input High Level
3.25
V
IIH
High Level Input Current
VIN=3.25V
10
µA
VI(hyst)
Input Hysteresis Voltage
0.5
V
VICL
Input Clamp Voltage
IIN=1mA
IIN= -1mA
6.5
7.4
-0.7
8.5
V
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Input Low Level
1.25
V
IIL
Low Level Input Current
VIN = 1.25V
1
µA
VIH
Input High Level
3.25
V
IIH
High Level Input Current
VIN = 3.25V
10
µA
VI(hyst)
Input Hysteresis Voltage
0.5
V
VICL
Input Clamp Voltage
IIN = 1mA
IIN = -1mA
66.8
-0.7
8V
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSTAT
Status Low Output Voltage ISTAT= 1.6 mA
0.5
V
ILSTAT
Status Leakage Current
Normal Operation; VSTAT= 5V
10
µA
CSTAT
Status Pin Input
Capacitance
Normal Operation; VSTAT= 5V
100
pF
VSCL
Status Clamp Voltage
ISTAT= 1mA
ISTAT= - 1mA
66.8
-0.7
8V
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
TTSD
Shut-down Temperature
150
175
200
°C
TR
Reset Temperature
135
°C
Thyst
Thermal Hysteresis
7
15
°C
tSDL
Status Delay in Overload
Conditions
Tj>TTSD
20
µs
Ilim
Current limitation
Tj=125°C
5.5V<VCC<36V
6
8.5
915
15
15
A
A
A
Vdemag
Turn-off Output Clamp
Voltage
IOUT=2A; L= 6mH
VCC-41 VCC-48 VCC-55
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com