Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4091BM-R Datasheet(PDF) 1 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 1 Page - ATMEL Corporation

  U4091BM-R Datasheet HTML 1Page - ATMEL Corporation U4091BM-R Datasheet HTML 2Page - ATMEL Corporation U4091BM-R Datasheet HTML 3Page - ATMEL Corporation U4091BM-R Datasheet HTML 4Page - ATMEL Corporation U4091BM-R Datasheet HTML 5Page - ATMEL Corporation U4091BM-R Datasheet HTML 6Page - ATMEL Corporation U4091BM-R Datasheet HTML 7Page - ATMEL Corporation U4091BM-R Datasheet HTML 8Page - ATMEL Corporation U4091BM-R Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Features
Speech Circuit with Anti-clipping
Tone-ringer Interface with DC/DC Converter
Speaker Amplifier with Anti-distortion
Power-supply Management (Regulated and Unregulated) and a Special Supply for
Electret Microphone
Voice Switch
Interface for Answering Machine and Cordless Phone
Applications
Feature Phone
Answering Machine
Fax Machine
Speaker Phone
Cordless Phone
Benefits
No Piezoelectric Transducer Necessary for Tone Ringing
Complete System Integration of Analog Signal Processing on One Chip
Very Few External Components
1.
Description
The programmable telephone audio processor U4091BM-R is a linear integrated cir-
cuit for use in feature phones, answering machines and fax machines. It contains the
speech circuit, tone-ringer interface with DC/DC converter, sidetone equivalent and
ear-protection rectifiers. The circuit is line-powered and contains all components nec-
essary for signal amplification and adaptation to the line. The U4091BM-R can also be
supplied via an external power supply. An integrated voice switch with loudspeaker
amplifier enables hands-free or open-listening operation. With an anti-feedback func-
tion, acoustic feedback during open listening can be reduced significantly. The
generated supply voltage is suitable for a wide range of peripheral circuits.
Programmable
Telephone
Audio
Processor
U4091BM-R
Rev. 4872A–CORD–08/05


Similar Part No. - U4091BM-R

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4091BM-AFN TEMIC-U4091BM-AFN Datasheet
722Kb / 29P
Programmable Telephone Audio Processor
U4091BM-AFNG3 TEMIC-U4091BM-AFNG3 Datasheet
722Kb / 29P
Programmable Telephone Audio Processor
logo
ATMEL Corporation
U4091BM-N ATMEL-U4091BM-N Datasheet
510Kb / 38P
PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
U4091BM-NFN ATMEL-U4091BM-NFN Datasheet
510Kb / 38P
PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
U4091BM-NFNG3 ATMEL-U4091BM-NFNG3 Datasheet
510Kb / 38P
PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
More results

Similar Description - U4091BM-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
Cordless Telephone Signal Processor
logo
TEMIC Semiconductors
U4091B TEMIC-U4091B Datasheet
107Kb / 11P
Programmable Telephone Audio Processor
U3900BM TEMIC-U3900BM Datasheet
762Kb / 34P
Programmable Telephone Audio Processor
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
TEMIC Semiconductors
U3500BM TEMIC-U3500BM Datasheet
226Kb / 17P
Cordless Telephone Signal Processor
logo
ATMEL Corporation
U4091BM-N ATMEL-U4091BM-N Datasheet
510Kb / 38P
PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
logo
TEMIC Semiconductors
U4091BM TEMIC-U4091BM Datasheet
722Kb / 29P
Programmable Telephone Audio Processor
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
CELLULAR TELEPHONE AUDIO PROCESSOR
logo
TEMIC Semiconductors
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
Cordless Telephone Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com