Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4091BM-R Datasheet(PDF) 33 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 29Page - ATMEL Corporation U4091BM-R Datasheet HTML 30Page - ATMEL Corporation U4091BM-R Datasheet HTML 31Page - ATMEL Corporation U4091BM-R Datasheet HTML 32Page - ATMEL Corporation U4091BM-R Datasheet HTML 33Page - ATMEL Corporation U4091BM-R Datasheet HTML 34Page - ATMEL Corporation U4091BM-R Datasheet HTML 35Page - ATMEL Corporation U4091BM-R Datasheet HTML 36Page - ATMEL Corporation U4091BM-R Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
33
4872A–CORD–08/05
U4091BM-R
Offset
I4O4: 1 to 0
∆V
AMREC
±30
mV
Mute switching matrix
I4O4 = 0
60
dB
Power-on Reset
VL = 0, V
MP = 3.3V, VB = 5V, U4091 in Power-down Mode
Power-on reset by ES VB high,
VMP threshold
VB = 4V, ES = 4V,
raise VMP until RESET goes to low
VMP
on
2.65
2.75
2.85
V
Power-on reset by ES VMP high,
VB threshold
VMP = 3V, ES = 4V,
raise VB until RESET goes to low
VB
on
3.2
V
Low-voltage Interrupt
VL = 0, V
MP = 3.3V, VB = 0V
VMP decreasing
Decrease VMP until INT
returns to high
VLVI
2.5
2.6
2.7
V
Power-off Reset
VL = 0, V
MP = 3.3V, VB = 0V
Low-voltage reset
Decrease VMP until RESET returns to
low
VLVR
2.35
2.45
2.55
V
Difference voltage between low-
voltage interrupt and reset
VLVI – VLVR
100
150
mV
Logical Part
V
MP = 3.3V, VB = 5V
Output impedance at OSCOUT
0.6
0.9
1.2
k
Pins SCL,
SDA (input mode)
Input leakage current
Low level
High level
0 < V
i < VMP
0.8
×
VMP
–1
0.2
×
V
MP
+1
V
V
µA
Pins INT,
SDA (output mode)
Output low
(resistance to GND)
150
230
350
Switch for Additional Impedance (Pin IMPSW)
V
MP = 3.3V, VB = 3V
Switch-off leakage current
0 < V
i < VMP
IMPSW = 0
–0.5
5
µA
Resistance to GND
IMPSW = 1
50
80
Maximum current
IMPSW = 1
–5
5
mA
AFS (Acoustic Feedback Suppression), IL = 14 mA, VGEN = 300 mV,
ERX = ETX = ENMIC = ENSTBAL = I1O1 = I3O3 = 1, SL[0:1] = 0, LF[0:3] = 1, P[0:4] = 31, AGARX[0:2] = 0
Adjustment range of attenuation
IL ≥ 15 mA
0
50
dB
Attenuation of transmit gain
IL ≥ 15 mA, IINLDT = 0 µA
I
INLDR = 10 µA
∆G
T
47
50
53
dB
Attenuation of speaker amplifier
I
L ≥ 15 mA, IINLDT = 10 µA
IINLDR = 0 µA
G
SA
47
50
53
dB
18. Electrical Characteristics (Continued)
f = 1 kHz, 0 dBm = 775 mVrms, IVMIC = 0.3 mA, IMP = 3 mA, RDC = 1.3 MΩ, Tamb = 25°C, Zear = 68 nF + 100Ω,
RLS = 50
Ω, Z
M = 68 nF, resonator: f = 3.58 MHz, all bits in reset condition, unless otherwise specified.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Note:
1. This is a period of time the bus requires from the end of a data transmission and before a new transmission can be started



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com