Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4091BM-R Datasheet(PDF) 34 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 30Page - ATMEL Corporation U4091BM-R Datasheet HTML 31Page - ATMEL Corporation U4091BM-R Datasheet HTML 32Page - ATMEL Corporation U4091BM-R Datasheet HTML 33Page - ATMEL Corporation U4091BM-R Datasheet HTML 34Page - ATMEL Corporation U4091BM-R Datasheet HTML 35Page - ATMEL Corporation U4091BM-R Datasheet HTML 36Page - ATMEL Corporation U4091BM-R Datasheet HTML 37Page - ATMEL Corporation U4091BM-R Datasheet HTML 38Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
34
4872A–CORD–08/05
U4091BM-R
Supply Voltages, VMIC = 25 mV, Tamb = –10°C to + 60°C
VMP
I
L = 14 mA, RDC = 680 kΩ
I
MP = 3 mA
VMP
3.1
3.3
3.5
V
V
MPS
I
L = 100 mA, RDC = inf.,
IMP = 0 mA
V
MPS
5.5
V
V
MIC
IL = 14 mA, RDC = 1.3 MΩ
I
M = 700 A
V
MIC
1.5
4
V
V
B
I
B = +20 mA, IL = 0 mA
V
B
5.5
6.3
V
Ringing Power Converter, IMP = 1 mA, IM = 0, R
IMPA = 500 kΩ
Maximum output power
V
RING = 20.6V
ENSA = ENSAO = SE = 1
PSA
15
mW
Threshold
V
RING: high to low
7.4
V
Low to high, RINGTH [0:3] = 0
6.0
6.7
7.4
V
Low to high, RINGTH [0:3] = 15
19
21
23
V
Adjustment steps threshold
DRINGTH = 1
0.8
1
1.2
V
Input impedance
V
RING = 30V
4.6
5.8
7.0
k
Maximum input voltage
V
RINGmax
30
V
Serial Bus SCL, SDA, AS, VMP = 3.3V, RSDA = RSCL = RINT = 12 k
Input voltage
HIGH
LOW
SDA, SCL, INT
ViBUS
3.0
0
VDD
1.5
V
V
Output voltage
Acknowledge LOW
SDA
ISDA = 3 mA
VO
0.4
V
Clock frequency
SCL
fSCL
100
kHz
Rise time SDA, SCL
tr
1µs
Fall time SDA, SCL
tf
300
ns
Period of SCL
HIGH
LOW
HIGH
LOW
tH
t
L
4.0
4.7
µs
µs
Setup Time
Start condition
Data
Stop condition
Time space(1)
t
sSTA
tsDAT
tsSTOP
t
wSTA
4.7
250
4.7
4.7
µs
ns
µs
µs
Hold Time
Start condition
DATA
t
hSTA
thDAT
4.0
0
µs
µs
18. Electrical Characteristics (Continued)
f = 1 kHz, 0 dBm = 775 mVrms, IVMIC = 0.3 mA, IMP = 3 mA, RDC = 1.3 MΩ, Tamb = 25°C, Zear = 68 nF + 100Ω,
RLS = 50
Ω, Z
M = 68 nF, resonator: f = 3.58 MHz, all bits in reset condition, unless otherwise specified.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Note:
1. This is a period of time the bus requires from the end of a data transmission and before a new transmission can be started



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com