Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4091BM-R Datasheet(PDF) 29 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 25Page - ATMEL Corporation U4091BM-R Datasheet HTML 26Page - ATMEL Corporation U4091BM-R Datasheet HTML 27Page - ATMEL Corporation U4091BM-R Datasheet HTML 28Page - ATMEL Corporation U4091BM-R Datasheet HTML 29Page - ATMEL Corporation U4091BM-R Datasheet HTML 30Page - ATMEL Corporation U4091BM-R Datasheet HTML 31Page - ATMEL Corporation U4091BM-R Datasheet HTML 32Page - ATMEL Corporation U4091BM-R Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
29
4872A–CORD–08/05
U4091BM-R
16. Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Value
Unit
Line current
I
L
140
mA
DC line voltage
V
L
12
V
Maximum input current
I
RING
15
mA
Junction temperature
T
j
125
°C
Ambient temperature
T
amb
–25 to +75
°C
Storage temperature
T
stg
–55 to +150
°C
Total power dissipation, T
amb = 60°C
P
tot
0.9
W
17. Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient SSO44
RthJA
70
K/W
18. Electrical Characteristics
f = 1 kHz, 0 dBm = 775 mV
rms, IVMIC = 0.3 mA, IMP = 3 mA, RDC = 1.3 MΩ, Tamb = 25°C, Zear = 68 nF + 100Ω,
RLS = 50
Ω, Z
M = 68 nF, resonator: f = 3.58 MHz, all bits in reset condition, unless otherwise specified.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
DC Characteristics
DC voltage drop over circuit
IL = 2 mA
I
L = 14 mA
IL = 60 mA
IL = 100 mA
VL
4.4
8.6
1.6
4.8
7.2
9.2
5.2
9.8
V
V
V
V
Transmission Amplifier, IL = 14 mA, VMIC = 2 mV, MICG[0:1] = 2, AGATX[0:2] = 7
ERX = ETX = ENMIC = ENSTBAL = I1O1 = I3O3 = 1, (G
T = 48 dB)
Transmit amplification
MICG[0:1] = 2
AGATX[0:2] = 7
GT
45.3
46.5
47.7
dB
Frequency response
due to internal filters
IL ≥ 14 mA,
f = 1 kHz to 3.4 kHz
∆G
T
–1
0
dB
Gain change with current
IL = 14 mA to 100 mA
∆G
T
±0.5
dB
Gain deviation
Tamb = –10°C to +60°C
∆G
T
±0.5
dB
CMRR of microphone amplifier
CMRR
60
80
dB
Input resistance of MIC amplifier
Ri
50
k
Input resistance of MIC3 amplifier
MICHF = 1
Ri
75
150
300
k
Gain difference
between MIC1/MIC2 to MIC3
MICHF = 1
∆G
T
±0.4
dB
Distortion at line
I
L ≥ 14 mA, VL = 700 mVrms
d
t
2%
Maximum output voltage
I
L ≥ 19 mA, d < 5%, VMIC = 10 mV
CTXA = 1 µF, DBM5 = 0
V
Lmax
1.8
3.0
4.2
dBm
DBM5 = 1
VLmax
4.8
6.0
6.6
dBm
VMIC = 20 mV, MICG[0:1] = 3
VMICOmax
–4.2
dBm
Note:
1. This is a period of time the bus requires from the end of a data transmission and before a new transmission can be started



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com