Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1178SW Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LT1178SW
Description  17uA Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1178SW Datasheet(HTML) 5 Page - Linear Integrated Systems

  LT1178SW Datasheet HTML 1Page - Linear Integrated Systems LT1178SW Datasheet HTML 2Page - Linear Integrated Systems LT1178SW Datasheet HTML 3Page - Linear Integrated Systems LT1178SW Datasheet HTML 4Page - Linear Integrated Systems LT1178SW Datasheet HTML 5Page - Linear Integrated Systems LT1178SW Datasheet HTML 6Page - Linear Integrated Systems LT1178SW Datasheet HTML 7Page - Linear Integrated Systems LT1178SW Datasheet HTML 8Page - Linear Integrated Systems LT1178SW Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT1178/LT1179
5
11789fb
ELECTRICAL CHARACTERISTICS
LT1178AC/LT1179AC
LT1178I/C/S/LT1179I/C/S
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
80
350
100
480
µV
LT1178SW
150
900
µV
LT1179SW
160
1050
µV
LT1178S8
120
350
µV
IOS
lnput Offset Current
0.05
0.25
0.05
0.35
nA
IB
Input Bias Current
3
5
3
6
nA
Input Voltage Range
13.5
13.9
13.5
13.9
V
–15.0
–15.3
–15.0
–15.3
V
CMRR
Common Mode Rejection Ratio
VCM = 13.5V, –15V
97
106
94
106
dB
PSRR
Power Supply Rejection Ratio
VS = 5V, 0V to ±18V
96
112
94
112
dB
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 50k
300
1200
250
1000
V/mV
VO = ±10V, No Load
600
2500
400
2500
V/mV
VOUT
Maximum Output Voltage Swing
RL = 50k
±13.0
±14.2
±13.0
±14.2
V
RL = 2k
±11.0
±12.7
±11.0
±12.7
V
SR
Slew Rate
AV = 1
0.02
0.04
0.02
0.04
V/µs
GBW
Gain Bandwidth Product
fO ≤ 5kHz
85
85
kHz
IS
Supply Current per Amplifier
16
21
17
25
µA
VS = ±15V, TA = 25°C, unless noted.
LT1178I/LT1179I
LT1178SW/LT1179SW
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
lnput Offset Voltage
LT1178
●
130
740
190
1150
µV
LT1179
●
130
740
200
1300
µV
∆VOS/∆T
Input Offset Voltage Drift
(Note 6)
●
0.7
4.0
0.9
5.5
µV/°C
IOS
Input Offset Current
●
0.07
0.7
0.06
0.35
nA
IB
Input Bias Current
●
48
37
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 50k
●
100
500
150
750
V/mV
CMRR
Common Mode Rejection Ratio
VCM = 13V, –14.9V
●
88
103
91
104
dB
PSRR
Power Supply Rejection Ratio
VS = 5V, 0V to ±18V
●
88
109
91
110
dB
Maximum Output Voltage Swing
RL = 5k
●
±11.0
±13.5
±11.0
±13.5
V
IS
Supply Current per Amplifier
●
19
30
18
28
µA
The ● denotes specifications which apply over the full operating temperature range of –40°C ≤ TA ≤ 85°C for I grades,
0°C ≤ TA ≤ 70°C for SW grades, VS = ±15V, unless noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com