Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1178SW Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LT1178SW
Description  17uA Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1178SW Datasheet(HTML) 2 Page - Linear Integrated Systems

  LT1178SW Datasheet HTML 1Page - Linear Integrated Systems LT1178SW Datasheet HTML 2Page - Linear Integrated Systems LT1178SW Datasheet HTML 3Page - Linear Integrated Systems LT1178SW Datasheet HTML 4Page - Linear Integrated Systems LT1178SW Datasheet HTML 5Page - Linear Integrated Systems LT1178SW Datasheet HTML 6Page - Linear Integrated Systems LT1178SW Datasheet HTML 7Page - Linear Integrated Systems LT1178SW Datasheet HTML 8Page - Linear Integrated Systems LT1178SW Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT1178/LT1179
2
11789fb
Supply Voltage ...................................................... ±22V
Differential Input Voltage ....................................... ±30V
Input Voltage ............... Equal to Positive Supply Voltage
Input Voltage ............ 5V Below Negative Supply Voltage
Output Short-Circuit Duration .......................... Indefinite
Consult LTC Marketing for parts specified with wider operating temperature ranges. Please note that the LT1178S8 surface mount pinout differs from that
of the LT1178 standard plastic or ceramic dual-in-line packages. For similiar performance with standard pinout, see the LT2178.
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Operating Temperature Range
LT1178I/LT1179I .................................. –40°C to 85°C
LT1178C/LT1178S/LT1179C/LT1179S ....... 0°C to 70°C
Storage Temperature Range ................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec.)................. 300°C
LT1178ACH
LT1178CH
ORDER PART
NUMBER
LT1178ACN8
LT1178CN8
LT1178IN8
LT1178ACJ8
LT1178CJ8
LT1179ACN
LT1179CN
LT1179IN
LT1179ACJ
LT1179CJ
LT11778/1179 • POI01
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V +
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V –
+IN C
–IN C
OUT C
NC
ORDER PART
NUMBER
LT1178SW
LT1179SW
ORDER PART
NUMBER
ORDER PART
NUMBER
ORDER PART
NUMBER
TOP VIEW
OUT B
V+
OUT A
–IN A
–IN B
IN A
+ IN B
V– (CASE)
8
7
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
A
+
–
+
–
B
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
– IN A
+IN A
V –
V +
OUT B
– IN B
+IN B
N PACKAGE
8-LEAD PDIP
B
-
+
A
-
+
1
2
3
4
5
6
7
TOP VIEW
J PACKAGE 14-LEAD CERAMIC DIP
N PACKAGE
14-LEAD PDIP
14
13
12
11
10
9
8
OUT A
– IN A
+IN A
V +
+IN B
– IN B
OUT B
OUT D
– IN D
+IN D
V –
+IN C
– IN C
OUT C
D
-
+
A
-
+
C
+
-
B
+
-
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 200°C/W
PART
MARKING
LT1178S8
1178
J PACKAGE 8-LEAD CERDIP
OBSOLETE PACKAGE
Consider the N8 or S8 Package for Alternate Source
OBSOLETE PACKAGE
Consider the N14 Package for Alternate Source
SW PACKAGE
16-LEAD PLASTIC SO WIDE
1
2
3
4
8
7
6
5
TOP VIEW
– IN A
OUT A
V
+
OUT B
+IN A
V
–
+IN B
– IN B
SW PACKAGE
16-LEAD PLASTIC SO WIDE
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
NC
NC
OUT A
–IN A
+IN A
V –
NC
NC
NC
NC
V +
OUT B
–IN B
+IN B
NC
NC
LT1178
LT1179
TJMAX = 100°C, θJA = 150°C/W
TJMAX = 150°C, θJA = 90°C/W
TJMAX = 150°C, θJA = 90°C/W
TJMAX = 110°C, θJA = 130°C/W
Not Recommended. Use LT1178S8 for
New Designs.
A
-
+
B
-
+
ELECTRICAL CHARACTERISTICS V
S = 5V, 0V; VCM = 0.1V, VO = 1.4V, TA = 25°C, unless noted.
LT1178AC/LT1179AC
LT1178I/C/S/LT1179I/C/S
SYMBOL
PARAMETER
CONDITIONS (NOTE 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1178
30
70
40
120
µV
LT1179
35
100
40
150
µV
LT1178SW
80
450
µV
LT1179SW
90
600
µV
LT1178S8
60
180
µV
∆VOS
Long Term Input Offset
0.5
0.6
µV/Mo
∆Time
Voltage Stability
IOS
Input Offset Current
0.05
0.25
0.05
0.35
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com