Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1178SW Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LT1178SW
Description  17uA Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1178SW Datasheet(HTML) 4 Page - Linear Integrated Systems

  LT1178SW Datasheet HTML 1Page - Linear Integrated Systems LT1178SW Datasheet HTML 2Page - Linear Integrated Systems LT1178SW Datasheet HTML 3Page - Linear Integrated Systems LT1178SW Datasheet HTML 4Page - Linear Integrated Systems LT1178SW Datasheet HTML 5Page - Linear Integrated Systems LT1178SW Datasheet HTML 6Page - Linear Integrated Systems LT1178SW Datasheet HTML 7Page - Linear Integrated Systems LT1178SW Datasheet HTML 8Page - Linear Integrated Systems LT1178SW Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT1178/LT1179
4
11789fb
ELECTRICAL CHARACTERISTICS
LT1178I/LT1179I
LT1178SW/LT1179SW
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
lnput Offset Voltage
LT1178
●
80
315
120
650
µV
LT1179
●
80
345
130
800
µV
∆VOS/∆T
Input Offset Voltage Drift
(Note 6)
●
0.6
3.0
0.8
4.5
µV/°C
IOS
Input Offset Current
●
0.07
0.7
0.06
0.50
nA
IB
Input Bias Current
●
48
37
nA
CMRR
Common Mode Rejection
VCM = 0.05V to 3.2V I grade
●
84
98
86
100
dB
Ratio
VCM = 0V to 3.4V S grade
PSRR
Power Supply Rejection
VS = 3.0V to 12V I grade
●
86
100
88
102
dB
Ratio
VS = 2.5V to 12V S grade
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 4V, No Load (Note 4) ●
55
350
80
500
V/mV
VO = 0.05V to 3.5V, RL = 50k
●
35
130
45
160
V/mV
Maximum Output Voltage
Output Low, No Load
●
913
8
11
mV
Swing
Output Low, ISINK = 100µA
●
160
220
140
190
mV
Output High, No Load
●
3.9
4.2
4.1
4.3
V
Output High, 2k to GND
●
3.0
3.7
3.3
3.8
V
IS
Supply Current per Amplifier
●
15
27
15
24
µA
The ● denotes specifications which apply over the full operating
temperature range of –40°C ≤ TA ≤ 85°C for I grades, 0°C ≤ TA ≤ 70°C for SW grades, VS = 5V, 0V; VCM = 0.1V, VO = 1.4V, unless
noted. (Note 7)
LT1178AC/LT1179AC
LT1178C/S8/LT1179C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
lnput Offset Voltage
LT1178
●
50
170
65
250
µV
LT1178S8
●
85
350
µV
LT1179
●
60
200
70
290
µV
∆VOS/∆T
Input Offset Voltage Drift
(Note 6)
●
0.5
2.2
0.6
3.0
µV/°C
LT1178S8
●
0.6
3.5
µV/°C
IOS
Input Offset Current
●
0.06
0.35
0.06
0.50
nA
IB
Input Bias Current
●
36
37
nA
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.4V
●
90
101
86
100
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12V
●
90
102
88
102
dB
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 4V, No Load (Note 4)
●
105
500
80
500
V/mV
VO = 0.05V to 3.5V, RL = 50k
●
55
160
45
160
V/mV
Maximum Output Voltage
Output Low, No Load
●
811
8
11
mV
Swing
Output Low, ISINK = 100µA
●
140
190
140
190
mV
Output High, No Load
●
4.1
4.3
4.1
4.3
V
Output High, 2k to GND
●
3.3
3.8
3.3
3.8
V
IS
Supply Current per Amplifier
●
14
21
15
24
µA
The ● denotes specifications which apply over the full operating temperature range of 0°C ≤ TA ≤ 70°C, VS = 5V, 0V, VCM = 0.1V,
VO = 1.4V, unless noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com