Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1178SW Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LT1178SW
Description  17uA Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1178SW Datasheet(HTML) 1 Page - Linear Integrated Systems

  LT1178SW Datasheet HTML 1Page - Linear Integrated Systems LT1178SW Datasheet HTML 2Page - Linear Integrated Systems LT1178SW Datasheet HTML 3Page - Linear Integrated Systems LT1178SW Datasheet HTML 4Page - Linear Integrated Systems LT1178SW Datasheet HTML 5Page - Linear Integrated Systems LT1178SW Datasheet HTML 6Page - Linear Integrated Systems LT1178SW Datasheet HTML 7Page - Linear Integrated Systems LT1178SW Datasheet HTML 8Page - Linear Integrated Systems LT1178SW Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT1178/LT1179
1
11789fb
The LT
®1178 is a micropower dual op amp in the standard
8-pin configuration; the LT1179 is a micropower quad op
amp offered in the standard 14-pin packages. Both
devices are optimized for single supply operation at 5V.
Specifications are also provided at ±15V supplies.
The extremely low supply current is combined with true
precision specifications: offset voltage is 30µV, offset
current is 50pA. Both offset parameters have low drift with
temperature. The 1.5pAp-p current noise and picoampere
offset current permit the use of megaohm level source
resistors without introducing serious errors. Voltage noise,
at 0.9µVp-p, is remarkably low considering the low
supply current.
Both the LT1178 and LT1179 can be operated from a
single supply (as low as one lithium cell or two NiCd
batteries). The input range goes below ground. The
all-NPN output stage swings to within a few millivolts of
ground while sinking current—no power consuming pull
down resistors are needed.
For applications where three times higher supply
current is acceptable, the micropower LT1077 single,
LT1078 dual and LT1079 quad are recommended. The
LT1077/78/79 have significantly higher bandwidth, slew
rate, lower voltage noise and better output drive capability.
■
17µA Max Supply Current per Amplifier
■
70µV Max Offset Voltage
■
250pA Max Offset Current
■
5nA Max Input Bias Current
■
0.9µVP-P 0.1Hz to 10Hz Voltage Noise
■
1.5pAP-P 0.1Hz to 10Hz Current Noise
■
0.5µV/°C Offset Voltage Drift
■
85kHz Gain-Bandwidth Product
■
0.04V/µs Slew Rate
■
Single Supply Operation:
Input Voltage Range Includes Ground
Output Swings to Ground While Sinking Current
No Pull Down Resistors are Needed
■
Output Sources and Sinks 5mA Load Current
17µA Max, Dual and Quad,
Single Supply, Precision Op Amps
Self-Buffered, Dual Output, Micropower Reference
Supply Current vs Temperature
■
Battery or Solar Powered Systems
Portable Instrumentation
Remote Sensor Amplifier
Satellite Circuitry
■
Micropower Sample-and-Hold
■
Thermocouple Amplifier
■
Micropower Filters
TEMPERATURE (°C)
–50
10
12
14
16
–25
0
25
50
LT1178/LT1179 • TA02
75
18
20
100
VS = ±15V
VS = 5V, 0V
VS = ±1.5V
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
+
–
–
+
2
2M
1M*
1M*
1
250k*
0.1µF
0.1µF
LT1004-1.2
1/2 LT1178
1/2 LT1178
4
6
5
8
4V TO 9V
1.2365V
OUTPUT
2.470V
OUTPUT
TOTAL BATTERY CURRENT
OUTPUT ACCURACY
TEMPERATURE COEFFICIENT
LOAD REGULATION
LINE REGULATION
*
= 28µA
= ± 0.4% MAX
= 20ppm/°C
= 25ppm/mA, IL ≤ 5mA, V + ≥ 5V
= 10ppm/V
= 0.1% FILM RESISTORS
7
3
LT1178/LT1179 • TA01
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1178SW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1178S LINER-LT1178S Datasheet
587Kb / 8P
17uA Max, Dual and Quad, Single Supply, Precision Op Amps
LT1178S8 LINER-LT1178S8 Datasheet
120Kb / 2P
20uA Max, Dual SO-8 Package, Single Supply Precision Op Amp
More results

Similar Description - LT1178SW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1178 LINER-LT1178 Datasheet
587Kb / 8P
17uA Max, Dual and Quad, Single Supply, Precision Op Amps
LT2178 LINER-LT2178 Datasheet
305Kb / 12P
17uA Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Maxim Integrated Produc...
MXL1178 MAXIM-MXL1178 Datasheet
265Kb / 8P
17uA Max, Dual/Quad, Single-Supply, Precision Op Amps
19-0104; Rev 1; 8/94
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT2178 LINER-LT2178_15 Datasheet
216Kb / 12P
17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT2179 LINER-LT2179_15 Datasheet
216Kb / 12P
17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT1178 LINER-LT1178_15 Datasheet
246Kb / 12P
17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT1179 LINER-LT1179_15 Datasheet
246Kb / 12P
17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com