Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1178SW Datasheet(PDF) 6 Page - Linear Integrated Systems

Part # LT1178SW
Description  17uA Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1178SW Datasheet(HTML) 6 Page - Linear Integrated Systems

Back Button LT1178SW Datasheet HTML 2Page - Linear Integrated Systems LT1178SW Datasheet HTML 3Page - Linear Integrated Systems LT1178SW Datasheet HTML 4Page - Linear Integrated Systems LT1178SW Datasheet HTML 5Page - Linear Integrated Systems LT1178SW Datasheet HTML 6Page - Linear Integrated Systems LT1178SW Datasheet HTML 7Page - Linear Integrated Systems LT1178SW Datasheet HTML 8Page - Linear Integrated Systems LT1178SW Datasheet HTML 9Page - Linear Integrated Systems LT1178SW Datasheet HTML 10Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT1178/LT1179
6
11789fb
LT1178AC/LT1179AC
LT1178C/S8/LT1179C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
lnput Offset Voltage
●
100
480
130
660
µV
LT1178S8
●
150
540
µV
∆VOS/∆T
Input Offset Voltage Drift
(Note 6)
●
0.6
2.8
0.7
4.0
µV/°C
LT1178S8
●
0.7
3.8
µV/°C
IOS
Input Offset Current
●
0.06
0.35
0.06
0.35
nA
IB
Input Bias Current
●
36
37
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 50k
●
200
800
150
750
V/mV
CMRR
Common Mode Rejection Ratio
VCM = 13V, –15V
●
94
104
91
104
dB
PSRR
Power Supply Rejection Ratio
VS = 5V, 0V to ±18V
●
93
110
91
110
dB
Maximum Output Voltage Swing
RL = 5k
●
±11.0
±13.6
±11.0
±13.6
V
IS
Supply Current per Amplifier
●
17
24
18
28
µA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Typical parameters are defined as the 60% yield of parameter
distributions of individual amplifiers; (i.e., out of 100 LT1179s, or 100
LT1178s, typically 240 op amps, or 120, will be better than the indicated
specification).
Note 3: This parameter is tested on a sample basis only. All noise
parameters are tested with VS = ±2.5, VO = 0V.
Note 4: This parameter is guaranteed by design and is not tested.
Note 5: Power supply rejection ratio is measured at the minimum supply
voltage. The op amps actually work at 1.7V supply but with a typical offset
skew of –300µV.
Note 6: This parameter is not 100% tested.
Note 7: During testing at –40°C, the 5V power supply turn on-time is less
than 0.5 seconds.
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full operating tempera-
ture range of 0°C ≤ TA ≤ 70°C, VS = ±15V, unless noted.
Input Offset Voltage Distribution
N, J, H Package
TYPICAL PERFOR A CE CHARACTERISTICS
Minimum Supply Voltage
Input Offset Voltage Distribution
Surface Mount Package
OFFSET VOLTAGE (µV)
–150
0
500
1000
1500
2000
– 100
–50
0
50
LT1178/LT1179 • TPC01
100
150
980
190
190
702
144
6104
LT1178N8
LT1178J8
LT1178H8
LT1179N
LT1179J
OP AMPS
TESTED
VS = 5V, 0V
TA = 25°C
OFFSET VOLTAGE (µV)
– 600
0
200
400
600
800
– 400
– 200
0
200
LT1178/LT1179 • TPC02
400
600
262
342
1892
LT1178SW
LT1179SW
OP AMPS
TESTED
VS = 5V, 0V
TA = 25°C
POSITIVE SUPPLY VOLTAGE (V)
0
–100
0
100
LT1178/LT1179 • TPC03
–200
–300
1
23
– 400
–500
V– = 0V
NON-FUNCTIONAL
85°C
25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com