Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-261A Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-261A
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-261A Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-261A Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
-60
0.2
TA – TEMPERATURE – C
100
0.5
HCPL-261A fig 8
0.6
-20
0.3
20
60
-40
0
40
80
0.4
VCC = 5.5 V
VE = 2 V
IF = 3.0 mA
IO = 16 mA
IO = 12.8 mA
IO = 9.6 mA
IO = 6.4 mA
-60
0
TA – TEMPERATURE – C
100
60
HCPL-261A fig 5
80
-20
20
20
VCC = 5 V
VE = 2 V
VOL = 0.6 V
IF = 3.5 mA
60
-40
0
40
80
40
-60
0
TA – TEMPERATURE – C
100
10
HCPL-261A fig 4
15
-20
5
20
VCC = 5.5 V
VO = 5.5 V
VE = 2 V
VF = 0.8 V
60
-40
0
40
80
Figure 9. Test circuit for t
PHL and tPLH.
0
0
IF – FORWARD INPUT CURRENT – mA
2.0
4.0
HCPL-261A fig 7
5.0
1.0
2.0
0.5
1.5
3.0
1.0
RL = 4 kW
RL = 350 Ω
RL = 1 kΩ
Figure 4. Typical high level output current vs.
temperature.
1.0
0.01
VF – FORWARD VOLTAGE – V
1.5
10.0
HCPL-261A fig 6
100.0
1.2
0.1
1.4
1.1
1.3
1.0
TA = 85 C
TA = 40 C
TA = 25 C
IF
+
–
VF
Figure 6. Typical diode input forward current
characteristic.
Figure 5. Low level output current vs. tempera-
ture.
Figure 7. Typical output voltage vs. forward
input current.
Figure 8. Typical low level output voltage vs.
temperature.
HCPL-261A fig 9
OUTPUT V
MONITORING
NODE
O
1.5 V
tPHL
tPLH
IF
INPUT
O
V
OUTPUT
I = 3.5 mA
F
I = 1.75 mA
F
+5 V
7
5
6
8
2
3
4
1
PULSE GEN.
Z = 50 Ω
t = t = 5 ns
O
f
IF
L
R
RM
CC
V
0.1 µF
BYPASS
*CL
*C IS APPROXIMATELY 15 pF WHICH INCLUDES
PROBE AND STRAY WIRING CAPACITANCE.
L
GND
INPUT
MONITORING
NODE
r
HCPL-261A/261N
90%
90%
10%
10%
trise
tfall
VOH
VOL
HCPL-261A fig 9b (new)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com