Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-261A Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-261A
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-261A Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-261A Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
-60
0
TA – TEMPERATURE – C
100
140
HCPL-261A fig 14
160
-20
40
20
60
-40
0
40
80
60
120
20
VCC = 5 V
IF = 3.5 mA
RL = 4 kΩ
RL = 1 kΩ
RL = 350 Ω, 1 kΩ, 4 kΩ
trise
tfall
RL = 350 Ω
-60
0
TA – TEMPERATURE – C
100
50
HCPL-261A fig 13
60
-20
20
20
60
-40
0
40
80
30
40
10
RL = 1 kΩ
RL = 350 Ω
VCC = 5 V
IF = 3.5 mA
RL = 4 kΩ
0
0
IF – PULSE INPUT CURRENT – mA
12
100
HCPL-261A fig 12
120
2
40
6
8
4
10
60
80
20
TPLH
RL = 4 kΩ
VCC = 5 V
TA = 25 C
TPLH
RL = 1 kΩ
TPHL
RL = 350 Ω, 1 kΩ, 4 kΩ
TPLH
RL = 350 Ω
-60
0
TA – TEMPERATURE – C
100
100
HCPL-261A fig 11
120
-20
40
20
60
-40
0
40
80
60
80
20
TPLH
RL = 4 kΩ
TPLH
RL = 1 kΩ
TPLH
RL = 350 kΩ
TPHL
RL = 350 Ω, 1 kΩ, 4 kΩ
VCC = 5 V
IF = 3.5 mA
-60
0
TA – TEMPERATURE – C
100
1.5
HCPL-261A fig 10
2.0
-20
0.5
20
60
-40
0
40
80
1.0
VCC = 5 V
VO = 0.6 V
RL = 350 Ω
RL = 1 kΩ
RL = 4 kΩ
Figure 10. Typical input threshold current vs.
temperature.
Figure 13. Typical pulse width distortion vs.
temperature.
Figure 11. Typical propagation delay vs. tem-
perature.
Figure 12. Typical propagation delay vs. pulse
input current.
Figure 14. Typical rise and fall time vs. temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com