Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-261A Datasheet(PDF) 15 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-261A
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-261A Datasheet(HTML) 15 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-261A Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
Figure 22. TTL interface circuit for the HCPL-261A/-261N families.
420 Ω
(MAX)
HCPL-�261A fig 21
1
3
2
4
2N3906
(ANY PNP)
VCC
74L504
(ANY
TTL/CMOS
GATE)
HCPL-261X
LED
Table 1 indicates the directions of I
LP and ILN flow depend-
ing on the direction of the common-mode transient.
For transients occurring when the LED is on, common-
mode rejection (CMR
L, since the output is in the “low”
state) depends upon the amount of LED current drive (I
F).
For conditions where I
F is close to the switching thresh-
old (I
TH), CMRL also depends on the extent which ILP and ILN
balance each other. In other words, any condition where
common-mode transients cause a momentary decrease
in I
F (i.e. when dVCM/dt>0 and |IFP| > |IFN|, referring to Table
1) will cause common-mode failure for transients which
are fast enough.
Likewise for common-mode transients which occur
when the LED is off (i.e. CMR
H, since the output is “high”),
if an imbalance between I
LP and ILN results in a transient
I
F equal to or greater than the switching threshold of the
optocoupler, the transient “signal”may cause the output
to spike below 2 V (which constitutes a CMR
H failure).
By using the recommended circuit in Figure 20, good
CMR can be achieved. (In the case of the -261N families,
a minimum CMR of 15 kV/µs is guaranteed using this cir-
cuit.) The balanced I
LED-setting resistors help equalize ILP
and I
LN to reduce the amount by which ILED is modulated
from transient coupling through C
LA and CLC.
CMR with Other Drive Circuits
CMR performance with drive circuits other than that
shown in Figure 20 may be enhanced by following these
guidelines:
1. Use of drive circuits where current is shunted from
the LED in the LED “off” state (as shown in Figures 22
and 23). This is beneficial for good CMR
H.
2. Use of I
FH > 3.5 mA. This is good for high CMRL.
Using any one of the drive circuits in Figures 22-24 with
I
F = 10 mA will result in a typical CMR of 8 kV/µs for the
HCPL-261N family, as long as the PC board layout prac-
tices are followed. Figure 22 shows a circuit which can
be used with any totem-pole-output TTL/LSTTL/HCMOS
logic gate. The buffer PNP transistor allows the circuit to
be used with logic devices which have low current-sink-
ing capability. It also helps maintain the driving-gate
power-supply current at a constant level to minimize
ground shifting for other devices connected to the in-
put-supply ground.
When using an open-collector TTL or open-drain CMOS
logic gate, the circuit in Figure 23 may be used. When
using a CMOS gate to drive the optocoupler, the circuit
shown in Figure 24 may be used. The diode in parallel
with the R
LED speeds the turn-off of the optocoupler
LED.
Figure 21. AC equivalent circuit for HCPL-261X.
350 Ω
HCPL-�261A fig 20
1/2 RLED
VCC+
15 pF
+
VCM
8
7
6
1
3
SHIELD
5
2
4
CLA
VO
GND
0.01 µF
1/2 RLED
CLC
ILN
ILP
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com