Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-261A Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-261A
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-261A Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-261A Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
HCPL-261A Fig 17
VO
0.5 V
O
V (min.)
5 V
0 V
SWITCH AT A: I = 0 mA
F
SWITCH AT B: I = 3.5 mA
F
CM
V
H
CM
CM L
O
V (max.)
CM
V
(PEAK)
VO
+5 V
7
5
6
8
2
3
4
1
CC
V
0.1 µF
BYPASS
GND
OUTPUT V
MONITORING
NODE
O
PULSE GEN.
Z = 50
O
+
_
350
IF
B
A
VFF
CM
V
HCPL-261A/261N
-60
0
TA – TEMPERATURE – C
100
90
HCPL-261A fig 16
120
-20
30
20
60
-40
0
40
80
60
VCC = 5 V
VEH = 3 V
VEL = 0 V
IF = 3.5 mA
tELH, RL = 4 kΩ
tELH, RL = 1 kΩ
tEHL, RL = 350 Ω, 1k Ω, 4 kΩ
tELH, RL = 350 Ω
OUTPUT V
MONITORING
NODE
O
1.5 V
tEHL
tELH
VE
INPUT
O
V
OUTPUT
3.0 V
1.5 V
+5 V
7
5
6
8
2
3
4
1
PULSE GEN.
Z = 50 Ω
t = t = 5 ns
O
f
IF
L
R
CC
V
0.1 µF
BYPASS
*CL
*C IS APPROXIMATELY 15 pF WHICH INCLUDES
PROBE AND STRAY WIRING CAPACITANCE.
L
GND
r
3.5 mA
INPUT VE
MONITORING NODE
HCPL-261A/261N
HCPL-261A fig 15
Figure 15. Test circuit for t
EHL and tELH.
Figure 17. Test circuit for common mode transient immunity and typical waveforms.
Figure 16. Typical enable propagation delay vs. temperature.
HCPL-261A/-261N/-061A/-061N Only.
Figure 18. Thermal derating curve, dependence of safety limiting
value with case temperature per IEC/EN/DIN EN 60747-5-2.
HCPL-261A fig 18
0
0
TS – CASE TEMPERATURE – C
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
PS (mW)
IS (mA)
HCPL-261A/261N OPTION 060 ONLY
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com