Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-261A Datasheet(PDF) 16 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-261A
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-261A Datasheet(HTML) 16 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-261A Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-261A Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Figure 24. CMOS gate drive circuit for HCPL-261A/-261N families.
Figure 23. TTL open-collector/open drain gate drive circuit for
HCPL-261A/-261N families.
820 Ω
HCPL-�261A fig 22
1
3
2
4
VCC
74HC00
(OR ANY
OPEN-COLLECTOR/
OPEN-DRAIN
LOGIC GATE)
HCPL-261X
LED
750 Ω
HCPL-�261A fig 23
1
3
2
4
VCC
74HC04
(OR ANY
TOTEM-POLE
OUTPUT LOGIC
GATE)
HCPL-261A/261N
1N4148
LED
Propagation Delay, Pulse-Width Distortion and Propa-
gation Delay Skew
Propagation delay is a figure of merit which describes
how quickly a logic signal propagates through a sys-
tem. The propagation delay from low to high (t
PLH) is the
amount of time required for an input signal to propa-
gate to the output, causing the output to change from
low to high. Similarly, the propagation delay from high
to low (t
PHL) is the amount of time required for the input
signal to propagate to the output, causing the output to
change from high to low (see Figure 9).
Pulse-width distortion (PWD) results when t
PLH and tPHL
differ in value. PWD is defined as the difference between
t
PLH and tPHL and often determines the maximum data
rate capability of a transmission system. PWD can be
expressed in percent by dividing the PWD (in ns) by the
minimum pulse width (in ns) being transmitted. Typi-
cally, PWD on the order of 20-30% of the minimum pulse
width is tolerable; the exact figure depends on the par-
ticular application (RS232, RS422, T-1, etc.).
Propagation delay skew, t
PSK, is an important parameter
to consider in parallel data applications where synchro-
nization of signals on parallel data lines is a concern. If
the parallel data is being sent through a group of opto-
couplers, differences in propagation delays will cause
the data to arrive at the outputs of the optocouplers at
different times. If this difference in propagation delay
is large enough it will determine the maximum rate at
which parallel data can be sent through the optocou-
plers.
Propagation delay skew is defined as the difference be-
tween the minimum and maximum propagation delays,
either t
PLH or tPHL, for any given group of optocouplers
which are operating under the same conditions (i.e., the
same drive current, supply voltage, output load, and op-
erating temperature). As illustrated in Figure 25, if the in-
puts of a group of optocouplers are switched either ON
or OFF at the same time, t
PSK is the difference between
the shortest propagation delay, either t
PLH or tPHL, and the
longest propagation delay, either t
PLH or tPHL.
As mentioned earlier, t
PSK can determine the maximum
parallel data transmission rate. Figure 26 is the timing
diagram of a typical parallel data application with both
the clock and the data lines being sent through opto-
couplers.
Table 1. Effects of Common Mode Pulse Direction on Transient I
LED
If |I
LP| < |ILN|,
If |I
LP| > |ILN|,
LED I
F Current
LED I
F Current
If dV
CM/dt Is:
then I
LP Flows:
and I
LN Flows:
Is Momentarily:
Is Momentarily:
positive (>0)
away from LED
away from LED
increased
decreased
anode through C
LA
cathode through C
LC
negative (<0)
toward LED
toward LED
decreased
increased
anode through C
LA
cathode through C
LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com