| Electronic Components Datasheet Search |
|
F75111RG Datasheet(PDF) 23 Page - Feature Integration Technology Inc. |
|
|
|||||||||||||||||||||||||||||
F75111RG Datasheet(HTML) 23 Page - Feature Integration Technology Inc. |
|
23 / 45 page ![]() July, 2007 V0.27P - 21 - F75111 3 STS_GP13ED GE RW VSB3V Indicate GPIO13 Edge Status. If set to 1, the edge of GPIO13 has occurred. Writing 1 will clear this bit to 0. Writing 0 is invalid. 2 STS_GP12ED GE RW VSB3V Indicate GPIO12 Edge Status. If set to 1, the edge of GPIO12 has occurred. Writing 1 will clear this bit to 0. Writing 0 is invalid. If this bit serves as IRQ/SMI#, this bit has no effect. 1 STS_GP11ED GE RW VSB3V Indicate GPIO11 Edge Status. If set to 1, the edge of GPIO11 has occurred. Writing 1 will clear this bit to 0. Writing 0 is invalid. 0 STS_GP10ED GE RW VSB3V Indicate GPIO10 Edge Status. If set to 1, the edge of GPIO10 has occurred. Writing 1 will clear this bit to 0. Writing 0 is invalid. 7.20 GP1X IRQ or SMI# Enable Register – Index 0x1A Power-on default [7:0] =0000_0000b Bit Name R/W PWR Description 7 EN_GP17IRQ R/W VSB3V Enable GPIO17 IRQ or SMI# Generation. If this bit set to 1, enable GPIO17 to generate IRQ or SMI#. 6 EN_GP16IRQ R/W VSB3V Enable GPIO16 IRQ or SMI# Generation. If this bit set to 1, enable GPIO16 to generate IRQ or SMI#. 5 EN_GP15IRQ R/W VSB3V Enable GPIO15 IRQ or SMI# Generation. If this bit set to 1, enable GPIO15 to generate IRQ or SMI#. 4 EN_GP14IRQ R/W VSB3V Enable GPIO14 IRQ or SMI# Generation. If this bit set to 1, enable GPIO14 to generate IRQ or SMI#. 3 EN_GP13IRQ R/W VSB3V Enable GPIO13 IRQ or SMI# Generation. If this bit set to 1, enable GPIO13 to generate IRQ or SMI#. 2 EN_GP12IRQ R/W VSB3V Enable GPIO12 IRQ or SMI# Generation. If this bit set to 1, enable GPIO12 to generate IRQ or SMI#. 1 EN_GP11IRQ R/W VSB3V Enable GPIO11 IRQ or SMI# Generation. If this bit set to 1, enable GPIO11 to generate IRQ or SMI#. 0 EN_GP10IRQ R/W VSB3V Enable GPIO10 IRQ or SMI# Generation. If this bit set to 1, enable GPIO10 to generate IRQ or SMI#. 7.21 GP1X Output Driving Enable – Index 0x1B Power-on default [7:0] =0000_1000b Bit Name R/W PWR Description 7 EN_GP17_OBUF R/W VSB3V Enable GPIO17 drive high buffer. If this bit is set to 0, the pin GPIO17 will be I/OD pin, if set to 1 the pin GPIO17 is I/O pin. 6 EN_GP16_OBUF R/W VSB3V Enable GPIO16 drive high buffer. If this bit is set to 0, the pin GPIO16 will be I/OD pin, if set to 1 the pin GPIO16 is I/O pin. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |