| Electronic Components Datasheet Search |
|
F75111RG Datasheet(PDF) 30 Page - Feature Integration Technology Inc. |
|
|
|||||||||||||||||||||||||||||
F75111RG Datasheet(HTML) 30 Page - Feature Integration Technology Inc. |
|
30 / 45 page ![]() July, 2007 V0.27P - 28 - F75111 disabled. 7.32 GP2X Edge Detector Status Register – Index 0x29 Power-on default [7:0] =0000_0000b Bit Name R/W PWR Description 7 STS_GP27EDGE R/W VSB3V Indicate GPIO27 Edge Status. If set to 1, the edge of GPIO27 has occurred. Write 1 to clear this bit. Writing 0 is invalid. 6 STS_GP26EDGE R/W VSB3V Indicate GPIO26 Edge Status. If set to 1, the edge of GPIO26 has occurred. Write 1 to clear this bit. Writing 0 is invalid. 5 STS_GP25EDGE R/W VSB3V Indicate GPIO25 Edge Status. If set to 1, the edge of GPIO25 has occurred. Write 1 to clear this bit. Writing 0 is invalid. 4 STS_GP24EDGE R/W VSB3V Indicate GPIO24 Edge Status. If set to 1, the edge of GPIO24 has occurred. Write 1 to clear this bit. Writing 0 is invalid. 3 STS_GP23EDGE R/W VSB3V Indicate GPIO23 Edge Status. If set to 1, the edge of GPIO23 has occurred. Write 1 to clear this bit. Writing 0 is invalid. 2 STS_GP22EDGE R/W VSB3V Indicate GPIO22 Edge Status. If set to 1, the edge of GPIO22 has occurred. Write 1 to clear this bit. Writing 0 is invalid. 1 STS_GP21EDGE R/W VSB3V Indicate GPIO11 Edge Status. If set to 1, the edge of GPIO21 has occurred. Write 1 to clear this bit. Writing 0 is invalid. 0 STS_GP20EDGE R/W VSB3V Indicate GPIO10 Edge Status. If set to 1, the edge of GPIO20 has occurred. Write 1 to clear this bit. Writing 0 is invalid. 7.33 GP2X IRQ or SMI# Enable Register – Index 0x2A Power-on default [7:0] =0000_0000b Bit Name R/W PWR Description 7 EN_GP27IRQ R/W VSB3V Enable GPIO27 IRQ or SMI# Generation. If this bit set to 1, enable GPIO27 to generate IRQ or SMI#. 6 EN_GP26IRQ R/W VSB3V Enable GPIO26 IRQ or SMI# Generation. If this bit set to 1, enable GPIO26 to generate IRQ or SMI#. 5 EN_GP25IRQ R/W VSB3V Enable GPIO25 IRQ or SMI# Generation. If this bit set to 1, enable GPIO25 to generate IRQ or SMI#. 4 EN_GP24IRQ R/W VSB3V Enable GPIO24 IRQ or SMI# Generation. If this bit set to 1, enable |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |