Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F75111RG Datasheet(PDF) 26 Page - Feature Integration Technology Inc.

Part # F75111RG
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111RG Datasheet(HTML) 26 Page - Feature Integration Technology Inc.

Back Button F75111RG Datasheet HTML 22Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 23Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 24Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 25Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 26Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 27Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 28Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 29Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 30Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
July, 2007
V0.27P
- 24 -
F75111
3
GP23_ODATA
R/W
VSB3V
GPIO 23 output data.
2
GP22_ODATA
R/W
VSB3V
GPIO 22 output data.
1
GP21_ODATA
R/W
VSB3V
GPIO 21 output data.
0
GP20_ODATA
R/W
VSB3V
GPIO 20 output data.
7.25 GPIO2x Input Status Register – Index 22h
Power-on default [7:0] =xxxx_xxxxb
Bit
Name
R/W
PWR
Description
7
GP27_PSTS
RO
VSB3V
Read the GPIO27 data on the pin.
6
GP26_PSTS
RO
VSB3V
Read the GPIO26 data on the pin.
5
GP25_PSTS
RO
VSB3V
Read the GPIO25 data on the pin.
4
GP24_PSTS
RO
VSB3V
Read the GPIO24 data on the pin.
3
GP23_PSTS
RO
VSB3V
Read the GPIO23 data on the pin.
2
GP22_PSTS
RO
VSB3V
Read the GPIO22 data on the pin.
1
GP21_PSTS
RO
VSB3V
Read the GPIO21 data on the pin.
0
GP20_PSTS
RO
VSB3V
Read the GPIO20 data on the pin.
7.26 GPIO2x Level/Pulse Control Register – Index 23h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7
GP27_OMODE
R/W
VSB3V
GPIO 27 output mode. 0 – level, 1 – pulse.
6
GP26_OMODE
R/W
VSB3V
GPIO 26 output mode. 0 – level, 1 – pulse.
5
GP25_OMODE
R/W
VSB3V
GPIO 25 output mode. 0 – level, 1 – pulse.
4
GP24_OMODE
R/W
VSB3V
GPIO 24 output mode. 0 – level, 1 – pulse.
3
GP23_OMODE
R/W
VSB3V
GPIO 23 output mode. 0 – level, 1 – pulse.
2
GP22_OMODE
R/W
VSB3V
GPIO 22 output mode. 0 – level, 1 – pulse.
1
GP21_OMODE
R/W
VSB3V
GPIO 21 output mode. 0 – level, 1 – pulse.
0
GP20_OMODE
R/W
VSB3V
GPIO 20 output mode. 0 – level, 1 – pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com