Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F75111RG Datasheet(PDF) 42 Page - Feature Integration Technology Inc.

Part # F75111RG
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111RG Datasheet(HTML) 42 Page - Feature Integration Technology Inc.

Back Button F75111RG Datasheet HTML 37Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 38Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 39Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 40Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 41Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 42Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 43Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 44Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 45Page - Feature Integration Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
July, 2007
V0.27P
- 40 -
F75111
9. Ordering Information
Part Number
Package Type
Production Flow
F75111R
28 PIN SSOP
Commercial, 0
°C to +70°C
F75111RG
28 PIN SSOP(Green Package)
F75111N
24 PIN QFN (Green Package)
Commercial, 0
°C to +70°C
10. Package Dimensions
F75111R/RG
28SSOP(150mil)
Symbol
Dimension in mm
Dimension in inch
Min
Nom
Max
Min
Nom Max
A
1.35
1.63
1.75
0.053
0.064 0.069
A1
0.10
0.15
0.25
0.004
0.006 0.010
A2
0.50
0.059
B
0.20
0.30
0.008
0.012
c
0.18
0.25
0.007
0.010
e
0.635 BASIC
0.025BASIC
D
9.80
9.91
10.01 0.386
0.390 0.394
E
5.79
5.99
6.20
0.228
0.236 0.244
E1
3.81
3.91
3.99
0.150
0.154 0.157
L
0.41
0.635
1.27
0.016
0.025 0.050
H
0.25
0.50
0.010
0.020
ZD
0.838 REF
0.033 REF
θ
0
0
8
0
0
0
8
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com