Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3085EDCB-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT3085EDCB-PBF
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085EDCB-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3085EDCB-PBF Datasheet HTML 4Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 5Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 6Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 7Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 8Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 9Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 10Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 11Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LT3085
8
3085fa
BLOCK DIAGRAM
–
+
VCONTROL
IN
10μA
3085 BD
OUT
SET
APPLICATIONS INFORMATION
The LT3085 regulator is easy to use and has all the pro-
tection features expected in high performance regulators.
Included are short-circuit protection and safe operating
area protection, as well as thermal shutdown.
The LT3085 is especially well suited to applications needing
multiple rails. The new architecture adjusts down to zero
with a single resistor, handling modern low voltage digital
IC’s as well as allowing easy parallel operation and thermal
management without heat sinks. Adjusting to “zero” output
allows shutting off the powered circuitry and when the
input is pre-regulated – such as a 5V or 3.3V input supply
– external resistors can help spread the heat.
Aprecision“0”TC10μAinternalcurrentsourceisconnected
to the non-inverting input of a power operational amplifier.
The power operational amplifier provides a low impedance
buffered output to the voltage on the non-inverting input.
A single resistor from the non-inverting input to ground
sets the output voltage and if this resistor is set to zero,
zero output results. As can be seen, any output voltage
can be obtained from zero up to the maximum defined by
the input power supply.
What is not so obvious from this architecture are the ben-
efits of using a true internal current source as the reference
as opposed to a bootstrapped reference in older regulators.
A true current source allows the regulator to have gain
and frequency response independent of the impedance on
the positive input. Older adjustable regulators, such as the
LT1086, have a change in loop gain with output voltage
as well as bandwidth changes when the adjustment pin
is bypassed to ground. For the LT3085, the loop gain is
unchanged by changing the output voltage or bypassing.
Output regulation is not fixed at a percentage of the output
voltage but is a fixed fraction of millivolts. Use of a true
current source allows all the gain in the buffer amplifier
to provide regulation and none of that gain is needed to
amplify up the reference to a higher output voltage.
The LT3085 has the collector of the output transistor
connected to a separate pin from the control input. Since the
dropout on the collector (IN pin) is only 275mV, two supplies
can be used to power the LT3085 to reduce dissipation: a
higher voltage supply for the control circuitry and a lower
voltage supply for the collector. This increases efficiency and
reduces dissipation. To further spread the heat, a resistor
can be inserted in series with the collector to move some
of the heat out of the IC and spread it on the PC board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com