Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3085EDCB-PBF Datasheet(PDF) 15 Page - Linear Technology

Part # LT3085EDCB-PBF
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085EDCB-PBF Datasheet(HTML) 15 Page - Linear Technology

Back Button LT3085EDCB-PBF Datasheet HTML 11Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 12Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 13Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 14Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 15Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 16Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 17Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 18Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LT3085
15
3085fa
APPLICATIONS INFORMATION
Internal Parasitic Diodes and Protection Diodes
In normal operation, the LT3085 does not require protection
diodes. Older three-terminal regulators require protection
diodes between the VOUT pin and the input pin or between
the ADJ pin and the VOUT pin to prevent die overstress.
On the LT3085, internal resistors and diodes limit current
paths on the SET pin. Even with bypass capacitors on the
SET pin, no protection diode is needed to ensure device
safety under short-circuit conditions. The SET pin handles
±10V (either transient or DC) with respect to OUT without
any device degradation.
Internal parasitic diodes exist between OUT and the two
inputs. Negative input voltages are transferred to the output
and may damage sensitive loads. Reverse-biasing either
input to OUT will turn on these parasitic diodes and allow
current flow. This current flow will bias internal nodes
of the LT3085 to levels that possibly cause errors when
suddenly returning to normal operating conditions and
expecting the device to start and operate. Prediction of
results of a bias fault is impossible, immediate return to
normal operating conditions can be just as difficult after
a bias fault. Suffice it to say that extra wait time, power
cycling, or protection diodes may be needed to allow the
LT3085 to return to a normal operating mode as quickly
as possible.
Protection diodes are not otherwise needed between
the OUT pin and IN pin. The internal diodes can handle
microsecond surge currents of up to 50A. Even with
large output capacitors, obtaining surge currents of those
magnitudes is difficult in normal operation. Only with large
output capacitors, such as 1000μF to 5000μF, and with
IN instantaneously shorted to ground will damage occur.
A crowbar circuit at IN is capable of generating those
levels of currents, and then protection diodes from OUT
to IN are recommended. Normal power supply cycling or
system “hot plugging and unplugging” does not do any
damage.
A protection diode between OUT and VCONTROL is usually
not needed. The internal parasitic diode on VCONTROL of
the LT3085 handles microsecond surge currents of 1A to
10A. Again, this only occurs when using crowbar circuits
with large value output capacitors. Since the VCONTROL
pin is usually a low current supply, this is unlikely. Still,
a protection diode is recommended if VCONTROL can be
instantaneously shorted to ground. Normal power supply
cycling or system “hot plugging and unplugging” does
not do any damage.
IftheLT3085isconfiguredasathree-terminal(singlesupply)
regulatorwithINandVCONTROLshortedtogether,theinternal
diode of the IN pin will protect the VCONTROL pin.
Like any other regulator, exceeding the maximum input-
to-output differential causes internal transistors to break
down and then none of the internal protection circuitry
is functional.
Thermal Considerations
The LT3085 has internal power and thermal limiting cir-
cuitry designed to protect it under overload conditions.
For continuous normal load conditions, maximum junc-
tion temperature must not be exceeded. It is important
to give consideration to all sources of thermal resistance
Figure 7. Connections for Best Load Regulation
+
–
LT3085
IN
VCONTROL
OUT
3085 F07
SET RSET
RP
PARASITIC
RESISTANCE
RP
RP
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com