Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3085EDCB-PBF Datasheet(PDF) 12 Page - Linear Technology

Part # LT3085EDCB-PBF
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085EDCB-PBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LT3085EDCB-PBF Datasheet HTML 8Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 9Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 10Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 11Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 12Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 13Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 14Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 15Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LT3085
12
3085fa
APPLICATIONS INFORMATION
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
voltage across its terminals due to mechanical stress,
ceramic capacitor the stress can be induced by vibrations
in the system or thermal transients.
Paralleling Devices
LT3085’s may be paralleled with other LT308X devices to
obtain higher output current. The SET pins are tied together
and the IN pins are tied together. This is the same whether
it’s in three terminal mode or has separate input supplies.
The outputs are connected in common using a small piece
of PC trace as a ballast resistor to equalize the currents.
PC trace resistance in milliohms/inch is shown in Table
1. Only a tiny area is needed for ballasting.
Table 1. PC Board Trace Resistance
WEIGHT (oz)
10 mil WIDTH
20 mil WIDTH
1
54.3
27.1
2
27.1
13.6
Trace resistance is measured in mΩ/in
The worst-case offset between the SET pin and the output
of only ±1.5mV allows very small ballast resistors to be
used. As shown in Figure 4, the two devices have a small
10mΩ and 20mΩ ballast resistors, which at full output
current gives better than 80% equalized sharing of the
current. The external resistance of 20mΩ (6.6mΩ for the
two devices in parallel) only adds about 10mV of output
regulation drop at an output of 1.5A. Even with an output
voltage as low as 1V, this only adds 1% to the regulation.
+
–
LT3080
VIN
VCONTROL
OUT
SET
10mΩ
+
–
LT3085
VIN
VIN
4.8V TO 28V
VOUT
3.3V
1.5A
VCONTROL
OUT
10μF
1μF
SET
165k
3085 F04
20mΩ
Figure 4. Parallel Devices
Of course, more than two LT308X’s can be paralleled for
even higher output current. They are spread out on the
PC board, spreading the heat. Input resistors can further
spread the heat if the input-to-output difference is high.
Thermal Performance
In this example, two LT3085 2mm
× 3mm DFN devices
are mounted on a 1oz copper 4-layer PC board. They are
placed approximately 1.5 inches apart and the board is
mounted vertically for convection cooling. Two tests were
set up to measure the cooling performance and current
sharing of these devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com