Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3085EDCB-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3085EDCB-PBF
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085EDCB-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3085EDCB-PBF Datasheet HTML 2Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 3Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 4Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 5Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 6Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 7Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 8Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 9Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT3085
6
3085fa
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT-TO-OUTPUT DIFFERENTIAL (V)
0
0
2
4
6
8
16
14
12
10
20
6
12
18
24
3085 G19
30
36
18
ILOAD = 1mA
ILOAD = 500mA
DEVICE IN
CURRENT LIMIT
LOAD CURRENT (A)
0
0.1
0.2
8
7
6
5
4
3
2
1
0
3085 G20
0.5
0.3
0.4
TJ = –50°C
TJ = 25°C
TJ = 125°C
VIN = VCONTROL = 2V
VIN = VOUT = 1V
RTEST (Ω)
0
800
700
600
500
400
300
200
100
0
3085 G21
2k
1k
VIN = 10V
SET PIN = 0V
VIN
VOUT
RTEST
VIN = 20V
VIN = 5V
FREQUENCY (Hz)
0
40
100
10k
100k
100
10
1k
1M
3085 G22
20
60
80
30
90
10
50
70
VIN = VCONTROL = VOUT (NOMINAL) +2V
RIPPLE = 50mVP–P
COUT = 2.2μF CERAMIC
CSET = 0.1μF CERAMIC
ILOAD = 100mA
ILOAD = 500mA
FREQUENCY (Hz)
0
40
100
10k
100k
100
10
1k
1M
3085 G23
20
60
80
30
90
10
50
70
VIN = VOUT (NOMINAL) + 1V
VCONTROL = VOUT (NOMINAL) +2V
RIPPLE = 50mVP–P
COUT = 2.2μF CERAMIC
CSET = 0.1μF CERAMIC
ILOAD = 100mA
ILOAD = 500mA
FREQUENCY (Hz)
10
0
10
30
40
50
100
70
100
10k
3085 G24
20
80
90
60
1k
100k
1M
VIN = VCONTROL +2V
VCONTROL = VOUT (NOMINAL) +2V
RIPPLE = 50mVP–P
COUT = 2.2μF CERAMIC
CSET = 0.1μF CERAMIC
ILOAD = 100mA
ILOAD = 500mA
VCONTROL Pin Currrent
VCONTROL Pin Current
Residual Output Voltage with
Less Than Minimum Load
Ripple Rejection - Single Supply
Ripple Rejection - Dual Supply
- VCONTROL Pin
Ripple Rejection - Dual Supply
- IN Pin
FREQUENCY (Hz)
1
10k
10k
100k
100
10
1k
3085 G26
100
10
1k
0.1
1k
10
1.0
100
Noise Spectral Density
VOUT
100μV/DIV
TIME 1ms/DIV
3085 G27
VOUT = 1V
RSET = 100k
CSET = O.1μF
COUT = 10μF
ILOAD = 1.1A
Output Voltage Noise
FREQUENCY (Hz)
77
78
85
84
100 125 150
0
–50 –25
25
50
75
3085 G25
81
82
80
79
83
SINGLE SUPPLY OPERATION
VIN = VOUT (NOMINAL) +2V
RIPPLE = 50mVP–P, f = 120Hz
ILOAD = 0.1A
COUT = 2.2μF, CSET = 0.1μF
Ripple Rejection (120Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com