Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3085EDCB-PBF Datasheet(PDF) 17 Page - Linear Technology

Part # LT3085EDCB-PBF
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085EDCB-PBF Datasheet(HTML) 17 Page - Linear Technology

Back Button LT3085EDCB-PBF Datasheet HTML 13Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 14Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 15Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 16Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 17Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 18Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 19Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 20Page - Linear Technology LT3085EDCB-PBF Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LT3085
17
3085fa
APPLICATIONS INFORMATION
Figure 8. Reducing Power Dissipation Using a Series Resistor
+
–
LT3085
IN
VCONTROL
OUT
VOUT
VIN
VIN
C2
3085 F08
SET
RSET
RS
C1
The power in the output transistor equals:
POUTPUT = (VIN – VOUT)(IOUT)
The total power equals:
PTOTAL = PDRIVE + POUTPUT
The current delivered to the SET pin is negligible and can
be ignored.
VCONTROL(MAX CONTINUOUS) = 3.630V (3.3V + 10%)
VIN(MAX CONTINUOUS) = 1.575V (1.5V + 5%)
VOUT = 0.9V, IOUT = 0.5A, TA = 50°C
Power dissipation under these conditions is equal to:
PDRIVE = (VCONTROL – VOUT)(ICONTROL)
I
CONTROL =
I
OUT
60
=
0.5A
60
= 8.3mA
PDRIVE = (3.630V – 0.9V)(8.3mA) = 23mW
POUTPUT = (VIN – VOUT)(IOUT)
POUTPUT = (1.575V – 0.9V)(0.5A) = 337mW
Total Power Dissipation = 360mW
Junction Temperature will be equal to:
TJ = TA + PTOTAL • θJA (approximated using tables)
TJ = 50°C + 360mW • 73°C/W = 76°C
In this case, the junction temperature is below the maximum
rating, ensuring reliable operation.
Reducing Power Dissipation
In some applications it may be necessary to reduce
the power dissipation in the LT3085 package without
sacrificing output current capability. Two techniques are
available. The first technique, illustrated in Figure 8, em-
ploys a resistor in series with the regulator’s input. The
voltage drop across RS decreases the LT3085’s IN-to-OUT
differential voltage and correspondingly decreases the
LT3085’s power dissipation.
As an example, assume: VIN = VCONTROL = 5V, VOUT = 3.3V
and IOUT(MAX)=0.5A.UsetheformulasfromtheCalculating
Junction Temperature section previously discussed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com