Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1472CS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1472CS
Description  Protected PCMCIA VCC and VPP Switching Matrix
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1472CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1472CS Datasheet HTML 5Page - Linear Technology LTC1472CS Datasheet HTML 6Page - Linear Technology LTC1472CS Datasheet HTML 7Page - Linear Technology LTC1472CS Datasheet HTML 8Page - Linear Technology LTC1472CS Datasheet HTML 9Page - Linear Technology LTC1472CS Datasheet HTML 10Page - Linear Technology LTC1472CS Datasheet HTML 11Page - Linear Technology LTC1472CS Datasheet HTML 12Page - Linear Technology LTC1472CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1472
1472fa
VPP Gate Charge and Discharge Control
The VPP switches are designed to ramp slowly (typically
tens of
µs) between output modes to reduce supply
glitching when powering large capacitive loads.
VPP Switch Protection
Both VPP power switches are protected against accidental
short circuits with SafeSlot fold-back current limit circuits
which limit the short-circuit (0V) output current to typi-
OPERATION
APPLICATIONS INFORMATION
cally 100mA when protecting the 12V VPPIN supply and
60mA when protecting the VCC(IN) supply. (Higher operat-
ing currents are allowed at higher output voltages). Both
switches also have thermal shutdown.
VPP Switch Truth Table
VPP EN0
VPP EN1
VPPOUT
00
0V
01
VCC(IN)
1
0
VPPIN
1
1
Hi-Z
The LTC1472 is a complete single slot VCC and VPP power
supply switch matrix with SafeSlot current limit protection
on both outputs. It is designed to interface directly with
industry standard PCMCIA card controllers and to indus-
try standard 12V regulators.
Interfacing to the CL-PD6710 and the LT
®1301
Figure 1 shows the LTC1472 interfaced to a standard
PCMCIA slot controller and an LT1301 step-up switching
regulator. The LTC1472 accepts logic control directly
from the CL-PD6710 and in turn, controls the LT1301 to
provide clean 12V VPP programming power when re-
quired. The LT1301 is then shutdown (10
µA standby
current) at all other times to conserve power.
The XOR VCC input function allows the LTC1472 to inter-
face directly to the active-low VCC control outputs of the
CL-PD6710 for 3.3V/5V voltage selection (see the VCC
Switch Truth Table). Therefore, no “glue” logic is required
to interface to this PCMCIA compatible controller.
The LTC1472 provides SafeSlot current-limit protection
for the LT1301 step-up regulator, the system 3.3V and 5V
regulators, the socket and the card. Further, depending
upon the system regulator’s own current limits, it may
allow the system power supplies to continue operation
during a card/slot short circuit without losing data, etc.
3VIN
3VIN SHDN
5VIN
VDD
VPP EN0
VPP EN1
VCC EN0
VCC EN1
VPPIN
VPPOUT
VCC(IN)
VCC(OUT)
VCC(OUT)
GND
GND
LTC1472
VIN
SEL
SHDN
PGND
SW
SENSE
ILIM
GND
LT1301
3.3V
0.1
µF
5V
5V
0.1
µF
CL-PD6710
VPP_VCC
VPP_PGM
VCC_3
VCC _5
PCMCIA
CARD SLOT
VPP1
VPP2
VCC
VCC
0.1
µF
10k
1
µF
TANT
OFF,
3.3V, 5V
0.1
µF
0.1
µF
47
µF
16V
TANT
(12V)
100
µF
10V
10
µH
COILCRAFT
DO1608-103
3
2
10k
+
+
+
6
7
4
5
NC
MBRS130LT3
0V, VCC,
12V, Hi-Z
1
8
LTC1472-F01
Figure 1. Direct Interface to Industry Standard PCMCIA
Controller and LT1301 Step-Up Switching Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com