Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1472CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1472CS
Description  Protected PCMCIA VCC and VPP Switching Matrix
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1472CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1472CS Datasheet HTML 8Page - Linear Technology LTC1472CS Datasheet HTML 9Page - Linear Technology LTC1472CS Datasheet HTML 10Page - Linear Technology LTC1472CS Datasheet HTML 11Page - Linear Technology LTC1472CS Datasheet HTML 12Page - Linear Technology LTC1472CS Datasheet HTML 13Page - Linear Technology LTC1472CS Datasheet HTML 14Page - Linear Technology LTC1472CS Datasheet HTML 15Page - Linear Technology LTC1472CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1472
1472fa
TYPICAL APPLICATIONS
Dual Protected PCMCIA Power Management System
3VIN
3VIN SHDN
5VIN
VDD
VPP EN0
VPP EN1
VCC EN0
VCC EN1
VPPIN
VPPOUT
VCC(IN)
VCC(OUT)
VCC(OUT)
GND
GND
LTC1472
VIN
SEL
SHDN
PGND
SW
SENSE
ILIM
GND
LT1301
3.3V
0.1
µF
3.3V or 5V
5V
0.1
µF
PCMCIA
CARD SLOT
VPP1
VPP2
VCC
VCC
0.1
µF
10k
1
µF
TANT
OFF, 3.3V, 5V
0.1
µF
0.1
µF
47
µF
16V
TANT
12V
100
µF
10V
33
µH*
COILCRAFT
DO3316-333
3
2
10k
+
+
+
6
7
4
5
NC
MBRS130LT3
0V, VCC, 12V, Hi-Z
1
8
LTC1472-TA02
3VIN
3VIN SHDN
5VIN
VDD
VPP EN0
VPP EN1
VCC EN0
VCC EN1
VPPIN
VPPOUT
VCC(IN)
VCC(OUT)
VCC(OUT)
GND
GND
LTC1472
3.3V
0.1
µF
5V
0.1
µF
B_VPP_VCC
B_VPP_PGM
B_VCC _3
B_VCC _5
PCMCIA
CARD SLOT
VPP1
VPP2
VCC
VCC
0.1
µF
10k
1
µF
TANT
OFF, 3.3V, 5V
10k
+
0.1
µF
0V, VCC, 12V, Hi-Z
CL-PD6720
A_VPP_VCC
A_VPP_PGM
A_VCC_3
A_VCC_5
*FOR 5V TO 12V CONVERSION USE 10
µH, COILCRAFT DO1608-103. SEE LT1301 DATA SHEET
FOR MORE DETAILED INFORMATION ON INDUCTOR AND CAPACITOR SELECTION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com