Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1472CS Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1472CS
Description  Protected PCMCIA VCC and VPP Switching Matrix
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1472CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1472CS Datasheet HTML 8Page - Linear Technology LTC1472CS Datasheet HTML 9Page - Linear Technology LTC1472CS Datasheet HTML 10Page - Linear Technology LTC1472CS Datasheet HTML 11Page - Linear Technology LTC1472CS Datasheet HTML 12Page - Linear Technology LTC1472CS Datasheet HTML 13Page - Linear Technology LTC1472CS Datasheet HTML 14Page - Linear Technology LTC1472CS Datasheet HTML 15Page - Linear Technology LTC1472CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1472
1472fa
TYPICAL APPLICATIONS
Single Protected PCMCIA Power Management System
Using the LT1121 Powered from an Auxiliary Winding for 12V VPP Power
1
µF
TANT
12V
121k
200pF
56.2k
2N7002
+
3VIN
3VIN SHDN
5VIN
VDD
VPP EN0
VPP EN1
VCC EN0
VCC EN1
VPPIN
VPPOUT
VCC(IN)
VCC(OUT)
VCC(OUT)
GND
GND
LTC1472
IN
SHDN
PGND
OUT
ADJ
GND
LT1121CS8
3.3V
0.1
µF
5V
0.1
µF
CL-PD6710
VPP_VCC
VPP_PGM
VCC_3
VCC _5
PCMCIA
CARD SLOT
VPP1
VPP2
VCC
VCC
0.1
µF
10k
1
µF
TANT
OFF, 3.3V, 5V
10
µF
10V
5
+
+
0.1
µF
8
1
2
0V, VCC, 12V, Hi-Z
3
6, 7
LTC1472 TA04
*SEE THE LTC1142 DATA SHEET FOR AN EXAMPLE OF A 3.3V/5V DUAL REGULATOR WITH AUXILIARY WINDING 15V OUTPUT
100k
5V
*13V TO 20V
(MAY BE FROM
AUXILIARY
WINDING)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com