Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1472CS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1472CS
Description  Protected PCMCIA VCC and VPP Switching Matrix
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1472CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1472CS Datasheet HTML 7Page - Linear Technology LTC1472CS Datasheet HTML 8Page - Linear Technology LTC1472CS Datasheet HTML 9Page - Linear Technology LTC1472CS Datasheet HTML 10Page - Linear Technology LTC1472CS Datasheet HTML 11Page - Linear Technology LTC1472CS Datasheet HTML 12Page - Linear Technology LTC1472CS Datasheet HTML 13Page - Linear Technology LTC1472CS Datasheet HTML 14Page - Linear Technology LTC1472CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1472
1472fa
APPLICATIONS INFORMATION
Output Capacitors
The VCC(OUT) pin is designed to ramp on slowly, typically
400
µs rise time. Therefore, capacitors as large as 150µF
can be driven without producing voltage spikes on the
5VIN or 3VIN supply pins (see graphs in Typical Perfor-
mance Characteristics). The VCC(OUT) pin should have a
0.1
µF to1µFcapacitorfornoisereductionandsmoothing.
The VPPOUT pin should have a 0.01µF to 0.1µF capacitor
for noise reduction. The VPPIN capacitors should be at
least equal to the VPPOUT capacitors to ensure smooth
transitions between output voltages without creating spikes
on the system power supply lines.
Supply Sequencing
Because the 5V supply is the source of power for both the
VCC and VPP switch control logic, it is best to sequence the
power supplies such that the 5V supply is powered before
or simultaneous to the application of 3.3V or 12V power.
It is interesting to note however, that all of the switches in
the LTC1472 are NMOS transistors which require charge
pumps to generate gate voltages higher than the supply
rails for full enhancement. Because the gate voltages start
a 0V when the supplies are first activated, the switches
always start in the off state and do not produce glitches at
the output when powered.
Some PCMCIA switch matrix products employ PMOS
switches for 12V VPP control and great care must be taken
to ensure that the 5V control logic is powered before the
12V supply is turned on. If this sequence is not followed,
the PMOS VPP switch gate may start at ground potential
and the VPP output may be inadvertently forced to 12V.
Although, not advisable, it is possible to power the 12V
VPPIN supply pin of the LTC1472 prior to application of 5V
power. Only about 50
µA flows to the VPPOUT pin under
these conditions.
If the 5V supply must be turned off, it is important to
program all switches to the Hi-Z or 0V state at least 100
µs
before the 5V power is removed to ensure that all NMOS
switch gates are fully discharged to 0V.
Whenever possible however, it is best to leave the 5VIN and
VDD pins continuously powered. The LTC1472 quiescent
current drops to < 1
µA with all the switches turned off and
therefore no 5V power is consumed in the standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com