Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1472CS Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1472CS
Description  Protected PCMCIA VCC and VPP Switching Matrix
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1472CS Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1472CS Datasheet HTML 8Page - Linear Technology LTC1472CS Datasheet HTML 9Page - Linear Technology LTC1472CS Datasheet HTML 10Page - Linear Technology LTC1472CS Datasheet HTML 11Page - Linear Technology LTC1472CS Datasheet HTML 12Page - Linear Technology LTC1472CS Datasheet HTML 13Page - Linear Technology LTC1472CS Datasheet HTML 14Page - Linear Technology LTC1472CS Datasheet HTML 15Page - Linear Technology LTC1472CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LTC1472
1472fa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATIONS
Dual Protected PCMCIA Power Management System
Powered by System 12V Supply
3VIN
3VIN SHDN
5VIN
VDD
VPP EN0
VPP EN1
VCC EN0
VCC EN1
VPPIN
VPPOUT
VCC(IN)
VCC(OUT)
VCC(OUT)
GND
GND
LTC1472
3.3V
12V
0.1
µF
5V
0.1
µF
CL-PD6720
B_VPP_VCC
B_VPP_PGM
B_VCC_3
B_VCC _5
PCMCIA
CARD SLOT
VPP1
VPP2
VCC
VCC
0.1
µF
10k
1
µF
TANT
OFF, 3.3V, 5V
+
0.1
µF
0V, VCC, 12V, Hi-Z
LTC1472 TA05
NC
3VIN
3VIN SHDN
5VIN
VDD
VPP EN0
VPP EN1
VCC EN0
VCC EN1
VPPIN
VPPOUT
VCC(IN)
VCC(OUT)
VCC(OUT)
GND
GND
LTC1472
3.3V
12V
0.1
µF
5V
0.1
µF
A_VPP_VCC
A_VPP_PGM
A_VCC_3
A_VCC _5
PCMCIA
CARD SLOT
VPP1
VPP2
VCC
VCC
0.1
µF
10k
1
µF
TANT
OFF, 3.3V, 5V
+
0.1
µF
0V, VCC, 12V, Hi-Z
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com