Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC210 Datasheet(PDF) 3 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 3 Page - Altera Corporation

  HC210 Datasheet HTML 1Page - Altera Corporation HC210 Datasheet HTML 2Page - Altera Corporation HC210 Datasheet HTML 3Page - Altera Corporation HC210 Datasheet HTML 4Page - Altera Corporation HC210 Datasheet HTML 5Page - Altera Corporation HC210 Datasheet HTML 6Page - Altera Corporation HC210 Datasheet HTML 7Page - Altera Corporation HC210 Datasheet HTML 8Page - Altera Corporation HC210 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 228 page
background image
Altera Corporation
1–1
September 2008
Preliminary
1. Introduction to HardCopy II
Devices
Introduction
HardCopy® II devices are low-cost, high-performance structured ASICs
with pin-outs, densities, and architecture that complement Stratix® II
devices. HardCopy II device features, such as phase-locked loops (PLLs),
memory, and I/O elements (IOEs), are functionally and electrically
equivalent to the Stratix II FPGA features. The combination of Stratix II
FPGAs for in-system prototype and design verification, HardCopy II
devices for high-volume production, and the Quartus® II software for
design, provide a complete, low-risk design solution.
HardCopy II devices improve on the successful and proven methodology
of the two previous generations of HardCopy series devices. Altera®
HardCopy II devices use the same base arrays across multiple designs for
a given device density and are customized using only two metal layers.
HardCopy II devices offer up to 90% cost reduction compared to Stratix II
FPGA prototypes.
The Quartus II software provides a complete set of tools, common for
both designing Stratix II FPGA prototypes and for quickly migrating the
design to a HardCopy II companion device. HardCopy II devices are also
supported through other front-end design tools from Synopsys,
Synplicity, and Mentor Graphics®.
Feature
Overview
HardCopy II structured ASICs are manufactured on a 1.2 V, 90 nm
all-layer-copper metal fabrication process (up to nine layers of metal).
HardCopy II devices offer the following features:
■
Fine-grained HCell architecture resulting in a low-cost,
high-performance, low-power structured ASIC
■
Customized using only two metal layers for fast turn-around times
and low non-recurring expenses (NRE)
■
Fully tested prototypes are available in approximately 10 to 12 weeks
from the date of your design submission
■
Support for instant-on or instant-on-after-50-ms power-up modes
■
Preserves the design functionality of a Stratix II FPGA prototype
■
1,000,000 to 3,600,000 usable gates for both logic and DSP functions
H51015-2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com