Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC210 Datasheet(PDF) 33 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 33 Page - Altera Corporation

Back Button HC210 Datasheet HTML 29Page - Altera Corporation HC210 Datasheet HTML 30Page - Altera Corporation HC210 Datasheet HTML 31Page - Altera Corporation HC210 Datasheet HTML 32Page - Altera Corporation HC210 Datasheet HTML 33Page - Altera Corporation HC210 Datasheet HTML 34Page - Altera Corporation HC210 Datasheet HTML 35Page - Altera Corporation HC210 Datasheet HTML 36Page - Altera Corporation HC210 Datasheet HTML 37Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 228 page
background image
Altera Corporation
2–25
September 2008
Preliminary
I/O Structure and Features
High-Speed IOE
High-speed IOEs in HC210, HC220, and HC230 devices are located on the
left side of the device. High-speed IOEs in HC240 devices are located on
the left and right sides of the device. (Directions are based on a top view
of the silicon die.) Unlike Stratix II left and right side I/O pins,
HardCopy II left and right side I/O pins do not support SSTL or HSTL
I/O standards or the PCI clamping diode. In Stratix II FPGAs, the right
and left IOEs support the high-speed IOE features.
The high-speed IOE has many features, including:
■
Dedicated single-ended I/O buffers
■
Differential I/O buffer
■
JTAG BST support
■
On-chip driver series termination (non-calibrated)
■
On-chip termination for differential I/O standards
■
Output drive strength control
■
Tri-state buffers
■
Bus-hold circuitry
■
Programmable pull-up resistors
■
Open-drain outputs
■
Transmit serializer
■
Receive deserializer
■
Dynamic phase alignment (DPA)
■
Double data rate (DDR) registers
The following I/O standards are supported when using high-speed IOEs:
■
3.3-V LVTTL/LVCMOS
■
2.5-V LVTTL/LVCMOS
■
1.8-V LVTTL/LVCMOS
■
1.5-V LVCMOS
■
LVDS
■
HyperTransport technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com