Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0470 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0470
Description  STM8 SWIM communication protocol and debug module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0470 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0470 Datasheet HTML 3Page - STMicroelectronics UM0470 Datasheet HTML 4Page - STMicroelectronics UM0470 Datasheet HTML 5Page - STMicroelectronics UM0470 Datasheet HTML 6Page - STMicroelectronics UM0470 Datasheet HTML 7Page - STMicroelectronics UM0470 Datasheet HTML 8Page - STMicroelectronics UM0470 Datasheet HTML 9Page - STMicroelectronics UM0470 Datasheet HTML 10Page - STMicroelectronics UM0470 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
UM0470
Single wire interface module (SWIM)
7/37
3.2
SWIM entry sequence
After a POR, and as long as the SWIM module is in OFF mode, the SWIM pin is sampled for
entry sequence detection. In order to do this, the internal low speed RC clock is
automatically turned ON after POR and remains forced ON as long as the SWIM is in OFF
mode.
If the register which forces the SWIM module in I/O mode is written before the entry
sequence is finalized, the SWIM module enters I/O mode. Once the SWIM module is
ACTIVE, writing this bit has no influence on communication and the SWIM interface remains
in ACTIVE mode.
If an application uses the SWIM pin as standard I/O, it puts the SWIM interface in I/O mode
in the initialization section of the software code (typically, this is performed just after the
reset). However, even in this case, it is still possible to put the SWIM interface in ACTIVE
mode by forcing the RESET pin to 0 and keep it low for the duration of the SWIM entry
sequence.
As long as the SWIM module is in OFF mode, the SWIM entry sequence is detected at any
moment, during reset or when the application is running.
If both the SWIM pin and the reset pin are multiplexed with I/Os, the way to enter SWIM
ACTIVE state is to power down the MCU device, power up and to maintain the reset until the
end of the SWIM entry sequence.
Figure 4.
SWIM activation timing diagram
SWIM
SWIM Entry Sequence
Communication
(1)
(2)
(3)
(4)
LSI osc ON
HSI osc ON
(5)
SWIM active set
SWIM_CSR(5) set
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com