Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0470 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0470
Description  STM8 SWIM communication protocol and debug module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0470 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0470 Datasheet HTML 28Page - STMicroelectronics UM0470 Datasheet HTML 29Page - STMicroelectronics UM0470 Datasheet HTML 30Page - STMicroelectronics UM0470 Datasheet HTML 31Page - STMicroelectronics UM0470 Datasheet HTML 32Page - STMicroelectronics UM0470 Datasheet HTML 33Page - STMicroelectronics UM0470 Datasheet HTML 34Page - STMicroelectronics UM0470 Datasheet HTML 35Page - STMicroelectronics UM0470 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Debug module (DM)
UM0470
32/37
4.12.9
DM control/status register 1 (DM_CSR1)
Address: 7F98h
Reset value: 0001 0000 (10h)
765
432
10
Reserved
STE
STF
RST
BRW
BK2F
BK1F
Reserved
rw
rw
rrr
r
Bit 7
Reserved.
Bit 6
STE Step mode enable (Read / Write)
This bit is set and cleared by software. It enables Step mode.
0: Step mode disabled
1: Step mode enabled
Bit 5
STF Step Flag (Read Only)
This bit indicates that the stall was generated by Step mode. It is set and cleared by
hardware. Writing to this bit does not change the bit value.
0: Step mode stall did not occur
1: Step mode stall occurred
Bit 4
RST Reset Flag (Read Only)
This bit is set by hardware when the CPU was stalled by the debug module (DM),
just after reset. It is cleared by hardware when the STALL bit is cleared. Writing to
this bit does not change the bit value.
0: No reset occurred
1: A reset occurred
Bit 3
BRW Break on Read/Write Flag (Read Only).
This bit gives the value of the read/write signal when a break occurs. Its value is not
significant for instruction fetch breaks. It is set by hardware depending on the
breakpoint conditions (see Table 4: Decoding table for breakpoint interrupt
generation on page 20) and is cleared by hardware depending on the next
breakpoint conditions. Writing to this bit does not change the bit value.
0: Breakpoint on write
1: Breakpoint on read
Bit 2
BK2F Breakpoint 2 Flag (Read Only).
This bit indicates that the DM stall was generated by Breakpoint 2. It is set by
hardware depending on the control conditions (see Table 4: Decoding table for
breakpoint interrupt generation on page 20) and is cleared by hardware when the
STALL bit is cleared. Writing to this bit does not change the bit value.
0: Breakpoint 2 did not occur
1: Breakpoint 2 occurred
Bit 1
BK1F Breakpoint 1 Flag (Read Only).
This bit indicates that the DM interrupt was generated by Breakpoint 1. It is set by
hardware depending on the control conditions (see Table 4: Decoding table for
breakpoint interrupt generation on page 20) and is cleared by hardware when the
STALL bit is cleared. Writing to this bit does not change the bit value.
0: Breakpoint 1 did not occur
1: Breakpoint 1 occurred
Bit 0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com