Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0470 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0470
Description  STM8 SWIM communication protocol and debug module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0470 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0470 Datasheet HTML 9Page - STMicroelectronics UM0470 Datasheet HTML 10Page - STMicroelectronics UM0470 Datasheet HTML 11Page - STMicroelectronics UM0470 Datasheet HTML 12Page - STMicroelectronics UM0470 Datasheet HTML 13Page - STMicroelectronics UM0470 Datasheet HTML 14Page - STMicroelectronics UM0470 Datasheet HTML 15Page - STMicroelectronics UM0470 Datasheet HTML 16Page - STMicroelectronics UM0470 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
UM0470
Single wire interface module (SWIM)
13/37
3.8
SWIM communication in Halt mode
To maintain the communication link with the debug host, the HSI oscillator remains on when
the MCU enters Halt mode. This means that halt mode power consumption measurements
have no meaning when the SWIM module is active.
The NO_ACCESS bit in the SWIM_CSR register is set when the system is in HALT, WFI or
readout protection mode. This means the bus is not accessible in this case.
The OSCOFF bit in the SWIM_CSR register is used to switch off the oscillator. In this case,
debug control is lost as long as the device is in Halt mode and the SWIM pin is high. The
only way to recover the debug control is to induce a falling edge on SWIM pin: this will re-
enable the HSI oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com