Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7705IP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7705IP
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7705IP Datasheet(HTML) 4 Page - Texas Instruments

  TLC7705IP Datasheet HTML 1Page - Texas Instruments TLC7705IP Datasheet HTML 2Page - Texas Instruments TLC7705IP Datasheet HTML 3Page - Texas Instruments TLC7705IP Datasheet HTML 4Page - Texas Instruments TLC7705IP Datasheet HTML 5Page - Texas Instruments TLC7705IP Datasheet HTML 6Page - Texas Instruments TLC7705IP Datasheet HTML 7Page - Texas Instruments TLC7705IP Datasheet HTML 8Page - Texas Instruments TLC7705IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TLC7701, TLC7725, TLC7703, TLC7733, TLC7705
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
SLVS087K – DECEMBER 1994 – REVISED JULY 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, CONTROL, RESIN, SENSE (see Note 1)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum low output current, IOL
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum high output current, IOH
– 10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VDD)
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VDD)
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TL77xxI
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TL77xxQ
– 40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TL77xxM
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
725 mW
5.8 mW/
°C
377 mW
145 mW
FK
1375 mW
11.0 mW/
°C
715 mW
275 mW
JG
1050 mW
8.4 mW/
°C
546 mW
210 mW
P
1000 mW
8.0 mW/
°C
520 mW
200 mW
PW
525 mW
4.2 mW/
°C
273 mW
105 mW
U
700 mW
5.5 mW/
°C
370 mW
150 mW
recommended operating conditions at specified temperature range
MIN
MAX
UNIT
Supply voltage, VDD
2
6
V
Input voltage, VI
0
VDD
V
High-level input voltage at RESIN and CONTROL‡, VIH
0.7
×VDD
V
Low-level input voltage at RESIN and CONTROL‡, VIL
0.2
×VDD
V
High-level output current, IOH
VDD ≥ 27 V
–2
mA
Low-level output current, IOL
VDD ≥ 2.7 V
2
mA
Input transition rise and fall rate at RESIN and CONTROL,
∆t/∆V
100
ns/V
Operating free air temperature range TA
TLC77xxI
–40
85
°C
Operating free-air temperature range, TA
TLC77xxQ
–40
125
°C
Operating free-air temperature range, TA
TLC77xxM
–55
125
°C
‡ To ensure a low supply current, VIL should be kept <0.3 V and VIH > VDD –0.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com