Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7705IP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7705IP
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7705IP Datasheet(HTML) 2 Page - Texas Instruments

  TLC7705IP Datasheet HTML 1Page - Texas Instruments TLC7705IP Datasheet HTML 2Page - Texas Instruments TLC7705IP Datasheet HTML 3Page - Texas Instruments TLC7705IP Datasheet HTML 4Page - Texas Instruments TLC7705IP Datasheet HTML 5Page - Texas Instruments TLC7705IP Datasheet HTML 6Page - Texas Instruments TLC7705IP Datasheet HTML 7Page - Texas Instruments TLC7705IP Datasheet HTML 8Page - Texas Instruments TLC7705IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TLC7701, TLC7725, TLC7703, TLC7733, TLC7705
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
SLVS087K – DECEMBER 1994 – REVISED JULY 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
In addition to the power-on-reset and undervoltage-supervisor function, the TLC77xx adds power-down control
support for static RAM. When CONTROL is tied to GND, RESET will act as active high. The voltage monitor
contains additional logic intended for control of static memories with battery backup during power failure. By
driving the chip select (CS) of the memory circuit with the RESET output of the TLC77xx and with the CONTROL
driven by the memory bank select signal (CSH1) of the microprocessor (see Figure 10), the memory circuit is
automatically disabled during a power loss. (In this application the TLC77xx power has to be supplied by the
battery.)
The TLC77xxI is characterized for operation over a temperature range of –40
°C to 85°C; the TLC77xxQ is
characterized for operation over a temperature range of – 40
°C to 125°C; and the TLC77xxM is characterized
for operation over the full Military temperature range of – 55
°C to 125°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
THRESHOLD
VOLTAGE
(V)
SMALL
OUTLINE (D)†
CHIP
CARRIER (FK)
CERAMIC DIP
(JG)
CERAMIC
DUAL
FLATPACK
(U)
PLASTIC DIP
(P)
THIN SHRINK
SMALL
OUTLINE
(PW)‡
1.1
TLC7701ID
—
—
—
TLC7701IP
TLC7701IPW
– 40
°C
2.25
TLC7725ID
—
—
—
TLC7725IP
TLC7725IPW
40 C
to
2.63
TLC7703ID
—
—
—
TLC7703IP
TLC7703IPW
85
°C
2.93
TLC7733ID
—
—
—
TLC7733IP
TLC7733IPW
4.55
TLC7705ID
—
—
—
TLC7705IP
TLC7705IPW
1.1
TLC7701QD
—
—
—
TLC7701QP
TLC7701QPW
– 40
°C
2.25
TLC7725QD
—
—
—
TLC7725QP
TLC7725QPW
40 C
to
2.63
TLC7703QD
—
—
—
TLC7703QP
TLC7703QPW
125
°C
2.93
TLC7733QD
—
—
—
TLC7733QP
TLC7733QPW
4.55
TLC7705QD
—
—
—
TLC7705QP
TLC7705QPW
–55
°C
to
2.93
—
TLC7733MFK
TLC7733MJG
—
—
—
to
125
°C
4.55
—
TLC7705MFK
TLC7705MJG
TLC7705MU
—
—
† The D package is available taped and reeled. Add the suffix R to the device type when ordering (e.g., TLC7705QDR).
‡ The PW package is only available left-end taped and reeled (indicated by the LE suffix on the device type; e.g., TLC7705QPWLE).
FUNCTION TABLE
CONTROL
RESIN
VI(SENSE)>VIT+
RESET
RESET
L
L
False
H
L
L
L
True
H
L
L
H
False
H
L
L
H
True
L§
H§
H
L
False
H
L
H
L
True
H
L
H
H
False
H
L
H
H
True
H
H§
§ RESET and RESET states shown are valid for t > td.
logic symbol
¶ This symbol is in accordance with ANSI/IEEE Std 91–1984 and
IEC Publication 617-12.
6
1
3
2
7
SENSE
≥1
≥1
≥1
RESET
5
COMP
S
VIT
S<VIT
Z1
Z2
Z3
RESIN
CT
CONTROL
RESET
3
2
1
1
CX
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com