Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7705IP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7705IP
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7705IP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC7705IP Datasheet HTML 2Page - Texas Instruments TLC7705IP Datasheet HTML 3Page - Texas Instruments TLC7705IP Datasheet HTML 4Page - Texas Instruments TLC7705IP Datasheet HTML 5Page - Texas Instruments TLC7705IP Datasheet HTML 6Page - Texas Instruments TLC7705IP Datasheet HTML 7Page - Texas Instruments TLC7705IP Datasheet HTML 8Page - Texas Instruments TLC7705IP Datasheet HTML 9Page - Texas Instruments TLC7705IP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TLC7701, TLC7725, TLC7703, TLC7733, TLC7705
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
SLVS087K – DECEMBER 1994 – REVISED JULY 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (see Note 2) (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TLC77xxM
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VDD =2V
TA = 25°C
1.8
VDD = 2 V,
TA = – 55°C to 125°C
1.7
IOH =20 µA
VDD =2 7V
TA = 25°C
2.5
VOH
High-level output
IOH = – 20 µA
VDD = 2.7 V
TA = – 55°C to 125°C
2.3
V
VOH
g
voltage
VDD =4 5V
TA = 25°C
4.3
V
VDD = 4.5 V
TA = – 55°C to 125°C
4.2
IOH =2 mA
VDD =4 5V
TA = 25°C
3.7
IOH = – 2 mA
VDD = 4.5 V
TA = – 55°C to 125°C
3.6
VDD =2V
TA = 25°C
0.2
VDD = 2 V
TA = – 55°C to 125°C
0.2
IOL =20 µA
VDD =2 7V
TA = 25°C
0.2
VOL
Low-level output
IOL = 20 µA
VDD = 2.7 V
TA = – 55°C to 125°C
0.2
V
VOL
voltage
VDD =4 5V
TA = 25°C
0.2
V
VDD = 4.5 V
TA = – 55°C to 125°C
0.2
IOL =2mA
VDD =4 5V
TA = 25°C
0.5
IOL = 2 mA
VDD = 4.5 V
TA = – 55°C to 125°C
0.5
VIT
Negative-going input threshold
TLC7733
VDD =2Vto6V
2.86
2.93
3.1
V
VIT –
gg
g
voltage, SENSE (see Note 3)
TLC7705
VDD = 2 V to 6 V
4.3
4.5
4.8
V
Vhys
Hysteresis voltage, SENSE
VDD = 2 V to 6 V
VDD = 2 V to 6 V
70
mV
Vres
Power-up reset voltage‡
IOL = 20 µA
1
V
RESIN
VI = 0 V to VDD
2
II
Input current
CONTROL
VI = VDD
7
15
µA
II
Input current
SENSE
VI = 5 V
5
10
µA
SENSE, TLC7701 only
VI = 5 V
2
RESIN = VDD,
IDD
Supply current
DD,
SENSE = VDD ≥ VITmax + 0.2 V
CONTROL
0 V
O
916
µA
CONTROL = 0 V,
Outputs open
IDD(d) Supply current during td
TLC7733
VCT = 0 ,
RESIN = VDD,
CONTROL=0V
VDD = 3.3 V
250
µA
IDD(d) Supply current during td
TLC7705
CONTROL = 0 V,
SENSE = VDD,
Outputs open
VDD = 5 V
120
150
µA
CI
Input capacitance, SENSE
VI = 0 V to VDD
50
pF
† Typical values apply at TA = 25°C.
‡ The lowest supply voltage at which RESET becomes active. The symbol Vres is not currently listed within EIA or JEDEC standards for
semiconductor symbology. Rise time of VDD ≥ 15 µs/V.
NOTES:
2. All characteristics are measured with CT = 0.1 µF.
3. To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1
µF) should be placed near the supply terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com