Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7705IP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7705IP
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7705IP Datasheet(HTML) 5 Page - Texas Instruments

  TLC7705IP Datasheet HTML 1Page - Texas Instruments TLC7705IP Datasheet HTML 2Page - Texas Instruments TLC7705IP Datasheet HTML 3Page - Texas Instruments TLC7705IP Datasheet HTML 4Page - Texas Instruments TLC7705IP Datasheet HTML 5Page - Texas Instruments TLC7705IP Datasheet HTML 6Page - Texas Instruments TLC7705IP Datasheet HTML 7Page - Texas Instruments TLC7705IP Datasheet HTML 8Page - Texas Instruments TLC7705IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TLC7701, TLC7725, TLC7703, TLC7733, TLC7705
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
SLVS087K – DECEMBER 1994 – REVISED JULY 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (see Note 2) (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TLC77xx
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VDD = 2 V
1.8
VOH
High level output voltage
IOH = – 20 µA
VDD = 2.7 V
2.5
V
VOH
High-level output voltage
VDD = 4.5 V
4.3
V
IOH = – 2 mA
VDD = 4.5 V
3.7
VDD = 2 V
0.2
VOL
Low level output voltage
IOL = 20 µA
VDD = 2.7 V
0.2
V
VOL
Low-level output voltage
VDD = 4.5 V
0.2
V
IOL = 2 mA
VDD = 4.5 V
0.5
TLC7701
1.04
1.1
1.16
Nti
i
it th
h ld
lt
TLC7725
2.18
2.25
2.32
VIT –
Negative-going input threshold voltage,
SENSE (see Note 3)
TLC7703
VDD = 2 V to 6 V
2.56
2.63
2.70
V
SENSE (see Note 3)
TLC7733
2.86
2.93
3
TLC7705
4.47
4.55
4.63
TLC7701
VDD = 2 V to 6 V
30
mV
TLC7725
Vhys
Hysteresis voltage, SENSE
TLC7703,
VDD =2Vto6V
70
mV
y
TLC7733,
VDD = 2 V to 6 V
70
mV
TLC7705
Vres
Power-up reset voltage‡
IOL = 20 µA
1
V
RESIN
VI = 0 V to VDD
2
II
Input current
CONTROL
VI = VDD
7
15
µA
II
Input current
SENSE
VI = 5 V
5
10
µA
SENSE, TLC7701 only
VI = 5 V
2
RESIN = VDD,
IDD
Supply current
RESIN
VDD,
SENSE = VDD ≥ VITmax + 0.2 V
916
µA
CONTROL = 0 V,
Outputs open
IDD(d) Supply current during td
VDD = 5 V,
RESIN = VDD,
CONTROL = 0 V,
VCT = 0 ,
SENSE = VDD,
Outputs open
120
150
µA
CI
Input capacitance, SENSE
VI = 0 V to VDD
50
pF
† Typical values apply at TA = 25°C.
‡ The lowest supply voltage at which RESET becomes active. The symbol Vres is not currently listed within EIA or JEDEC standards for
semiconductor symbology. Rise time of VDD ≥ 15 µs/V.
NOTES:
2. All characteristics are measured with CT = 0.1 µF.
3. To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1
µF) should be connected near the supply terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com