Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7705IP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7705IP
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7705IP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC7705IP Datasheet HTML 4Page - Texas Instruments TLC7705IP Datasheet HTML 5Page - Texas Instruments TLC7705IP Datasheet HTML 6Page - Texas Instruments TLC7705IP Datasheet HTML 7Page - Texas Instruments TLC7705IP Datasheet HTML 8Page - Texas Instruments TLC7705IP Datasheet HTML 9Page - Texas Instruments TLC7705IP Datasheet HTML 10Page - Texas Instruments TLC7705IP Datasheet HTML 11Page - Texas Instruments TLC7705IP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TLC7701, TLC7725, TLC7703, TLC7733, TLC7705
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
SLVS087K – DECEMBER 1994 – REVISED JULY 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics at VDD = 5 V, RL = 2 kΩ, CL = 50 pF
MEASURED
TLC77xxM
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
td
Delay time
VI(SENSE) ≥ VIT+
RESET
and
RESET
RESIN = 2.7 V,
CONTROL = 0.4 V,
CT = 100 nF,
See timing diagram
25
°C
1.1
2.1
4.2
ms
25
°C
20
tPLH
Propagation delay
time low-to-high-level
SENSE
RESET
VIH = VIT+max + 0.2 V,
VIL = VIT–min – 0.2 V,
RESIN =2 7V
Full
range
24
µs
tPLH
time, low-to-high-level
output
SENSE
RESIN = 2.7 V,
CONTROL = 0.4 V,
25
°C
5
out ut
RESET
CONTROL
0.4 V,
CT = NC†
Full
range
7
µs
25
°C
5
tPHL
Propagation delay
time high-to-low-level
SENSE
RESET
VIH = VIT+max + 0.2 V,
VIL = VIT–min – 0.2 V,
RESIN =2 7V
Full
range
7
µs
tPHL
time, high-to-low-level
output
SENSE
RESIN = 2.7 V,
CONTROL = 0.4 V,
25
°C
20
out ut
RESET
CONTROL
0.4 V,
CT = NC†
Full
range
24
µs
25
°C
20
tPLH
Propagation delay
time low-to-high-level
RESIN
RESET
VIH = 2.7 V,
VIL = 0.4 V,
SENSE = VIT max+0 2V
Full
range
24
µs
tPLH
time, low-to-high-level
output
RESIN
SENSE = VIT+max + 0.2 V,
CONTROL = 0.4 V,
25
°C
45
out ut
RESET
CONTROL
0.4 V,
CT = NC†
Full
range
65
ns
25
°C
40
tPHL
Propagation delay
time high-to-low-level
RESIN
RESET
VIH = 2.7 V,
VIL = 0.4 V,
SENSE = VIT max+0 2V
Full
range
60
ns
tPHL
time, high-to-low-level
output
RESIN
SENSE = VIT+max + 0.2 V,
CONTROL = 0.4 V,
25
°C
20
out ut
RESET
CONTROL
0.4 V,
CT = NC†
Full
range
24
µs
Propagation delay
25
°C
38
tPLH
gy
time, low-to-high-level
output
CONTROL
RESET
VIH = 2.7 V,
VIL = 0.4 V,
SENSE = VIT max+0 2V
Full
range
58
ns
Propagation delay
CONTROL
RESET
SENSE = VIT+max + 0.2 V,
RESIN = 2.7 V,
25
°C
38
tPHL
gy
time, high-to-low-level
output
RESIN
2.7 V,
CT = NC†
Full
range
58
ns
Low-level minimum
SENSE
VIH = VIT+max + 0.2 V,
VIL = VIT–min – 0.2 V,
Full
3
µs
pulse duration
RESIN
VIL = 0.4 V,
VIH = 2.7 V
range
1
µs
tr
Rise time
RESET
and
10% to 90%
Full
8
ns/V
tf
Fall time
and
RESET
90% to 10%
range
4
ns/V
† NC = No capacitor, and includes up to 100-pF probe and jig capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com